Electronic Components Datasheet Search
  English  ▼

X  

2994 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2994
Description  250 KHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2994 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2994 Datasheet HTML 1Page - KR Electronics, Inc. 2994 Datasheet HTML 2Page - KR Electronics, Inc. 2994 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2994, 250 KHz Bandpass, Rev 0, Sept 11, 2010
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
1 . 000
000
MHz
11 Sep 2010 15:23:24
KR Electronics, Inc.
KR Electronics part number 2994 is a 250 KHz bandpass filter.
The filter has a minimum 3 dB bandwidth of 50 KHz. Other cen-
ter frequencies and bandwidths available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
Features
 250 KHz Center Frequency
 50 KHz, 3 dB Bandwidth
 High Stopband Attenuation
 50  Source and Load
 BNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2994

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
2994 KEYSTONE-2994 Datasheet
200Kb / 1P
GOLD FLASH
logo
Heyco.
2994 HEYCO-2994 Datasheet
401Kb / 1P
Wire Connectors
logo
Belden Inc.
2994 BELDEN-2994 Datasheet
382Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
2994 ADAFRUIT-2994 Datasheet
118Kb / 3P
Tower Light - Red Alert Light with Buzzer - 12VDC
2/24/2016
logo
Videk Ltd
2994 VIDEK-2994 Datasheet
545Kb / 3P
Cat6 Patch Cables Slim Cat6 U/UTP LSZH Patch Cables
More results

Similar Description - 2994

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2904 KR-2904 Datasheet
83Kb / 2P
1 KHz center frequency 50 ?
2920-475 KR-2920-475 Datasheet
47Kb / 2P
475 KHz Center Frequency
2920-400 KR-2920-400 Datasheet
46Kb / 2P
400 KHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2892 KR-2892 Datasheet
42Kb / 2P
250 MHz Center Frequency
logo
Murata Manufacturing Co...
CEG231G73DCB100 MURATA-CEG231G73DCB100 Datasheet
176Kb / 2P
center frequency tolerance
CEG232G53DCB100 MURATA-CEG232G53DCB100 Datasheet
165Kb / 2P
center frequency tolerance
CES40942MDCB000 MURATA-CES40942MDCB000 Datasheet
170Kb / 2P
center frequency tolerance
logo
KR Electronics, Inc.
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
200 KHz Center Frequency
logo
Bel Fuse Inc.
0RQB-H0S12X BEL-0RQB-H0S12X Datasheet
581Kb / 16P
Fixed Frequency (250 kHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com