Electronic Components Datasheet Search
  English  ▼

X  

3019 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3019
Description  11.5 MHz Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3019 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3019 Datasheet HTML 1Page - KR Electronics, Inc. 3019 Datasheet HTML 2Page - KR Electronics, Inc. 3019 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3019, 11.5 MHz Bandpass, Rev 0, May 16, 2011
KR Electronics, Inc.
KR Electronics part number 3019 is a 11.5 MHz bandpass filter.
The filter has a minimum 3 dB bandwidth of 400 KHz. Other
center frequencies and bandwidths are available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
 11.5 MHz Bandpass
 400 KHz min 3 dB BW
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3019

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3019 ETC2-3019 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
Heyco.
3019 HEYCO-3019 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Adafruit Industries
3019 ADAFRUIT-3019 Datasheet
93Kb / 2P
Third Hand Pana Hand Workstation Add-On for Panavise
6-8-17
logo
Wiha Tools
30190 WIHA-30190 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
30190 WIHA-30190 Datasheet
241Kb / 1P
19 Pc. SlimLine Insulated Blade Set
More results

Similar Description - 3019

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
10 MHz Bandpass
2451-S KR-2451-S Datasheet
48Kb / 2P
140 MHz Bandpass
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
2629-40-1 KR-2629-40-1 Datasheet
89Kb / 2P
160 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
174 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3192-3 KR-3192-3 Datasheet
105Kb / 3P
2000 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
1087.5 MHz Bandpass
logo
Integrated Technology F...
251163B ITF-251163B Datasheet
156Kb / 2P
Typical 1dB bandwidth of 11.5 MHz
Rev 1.0 2013. 04. 01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com