Electronic Components Datasheet Search
  English  ▼

X  

3025 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3025
Description  90 MHz Lowpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3025 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3025 Datasheet HTML 1Page - KR Electronics, Inc. 3025 Datasheet HTML 2Page - KR Electronics, Inc. 3025 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3025, 90 MHz Lowpass, Rev 0, June 17, 2011
KR Electronics, Inc.
KR Electronics part number 3025 is a 90 MHz lowpass filter.
The filter attains over 60 dB rejection by 160 MHz. Other band-
widths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 90 MHz Lowpass
 Selective Elliptic Response
 Over 60 dB Stopband Rejection
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Similar Part No. - 3025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3025 ETC2-3025 Datasheet
78Kb / 1P
KNOB
logo
Abbatron All Rights Res...
3025 ABBATRON-3025 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3025 KEYSTONE-3025 Datasheet
516Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
logo
List of Unclassifed Man...
3025-01 ETC2-3025-01 Datasheet
78Kb / 1P
KNOB
3025-1 ETC2-3025-1 Datasheet
77Kb / 1P
KNOB
More results

Similar Description - 3025

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2832-SMA KR-2832-SMA Datasheet
61Kb / 2P
7.5 MHz Lowpass
2829-SMA KR-2829-SMA Datasheet
42Kb / 2P
760 MHz Lowpass
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2999 KR-2999 Datasheet
47Kb / 3P
20 MHz Lowpass
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3008 KR-3008 Datasheet
48Kb / 3P
1250 MHz Lowpass
3013-1 KR-3013-1 Datasheet
47Kb / 3P
185 MHz Lowpass
3018-1 KR-3018-1 Datasheet
51Kb / 3P
30 MHz Lowpass
2455-SMD KR-2455-SMD Datasheet
170Kb / 3P
45 MHz Lowpass
2789-SMD KR-2789-SMD Datasheet
57Kb / 3P
40 MHz Lowpass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com