Electronic Components Datasheet Search
  English  ▼

X  

3028 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 3028
Description  54 MHz Highpass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3028 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  3028 Datasheet HTML 1Page - KR Electronics, Inc. 3028 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2011, KR Electronics, Inc.
3028+, 54 MHz Highpass, Rev 0, June 28, 2011
KR Electronics 3028+
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package
2.
Dimensions in inches
3.
Max reflow temperature 230° C for 10 sec
4.
If boards are cleaned after installation units must be completely dried
Parameter
Specification
Filter type
Highpass
Passband (<2 dB)
54 MHz to 1000 MHz
<1 dB typical
Rejection DC to 40 MHz
45 dB min
50 dB typical
Source and Load
75
RoHS
Yes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com