Electronic Components Datasheet Search
  English  ▼

X  

SSD40P04 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD40P04
Description  P-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD40P04 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD40P04_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD40P04_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD40P04_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD40P04_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSD40P04_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSD40P04-20D
P-Ch Enhancement Mode Power MOSFET
-36A, -40V, RDS(ON) 30mΩ
Elektronische Bauelemente
14-Jul-2010 Rev.B
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
N
O
P
G E
F
H
K
J
M
B
TO-252(D-Pack)
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
These miniature surface mount MOSFETs utilize high cell density process.
Low RDS(on) assures minimal power loss and conserves energy, making this
device ideal for use in power management circuitry. Typical applications
are PWMDC-DC converters, power management in portable and battery-powered
products such as computers, printers, battery charger, telecommunication
power system, and telephones power system.
FEATURES
Low RDS(on) provides higher efficiency and extends battery life.
Miniature TO-252 surface mount package saves board space.
High power and current handling capability.
Extended VGS range (±25) for battery pack applications.
PRODUCT SUMMARY
PRODUCT SUMMARY
VDS(V)
RDS(on) m(
ID(A)
-40
30@VGS= -10V
-36
40@VGS= -4.5V
-29
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
a
ID @TA=25℃
36
A
Pulsed Drain Current
b
IDM
±40
A
Continuous Source Current (Diode Conduction)
a
IS
-30
A
Total Power Dissipation
a
PD @TA=25℃
50
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 175
°C
THERMAL RESISTANCE RATINGS
Maximum Thermal Resistance Junction-Ambient
a
RθJA
50
°C / W
Maximum Thermal Resistance Junction-Case
RθJC
3.0
°C / W
Notes:
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.4
6.8
J
2.30 REF.
B
5.20
5.50
K
0.70
0.90
C
2.20
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.6
E
6.8
7.3
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.2
H
0.8
1.20

Gate

Source

Drain


Similar Part No. - SSD40P04_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD40P04 SECOS-SSD40P04_11 Datasheet
1Mb / 4P
-36A , -40V , RDS(ON) 30m P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD40P04_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com