Electronic Components Datasheet Search
  English  ▼

X  

IRG4PSC71U Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4PSC71U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.67V, @Vge=15V, Ic=60A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PSC71U Datasheet(HTML) 1 Page - International Rectifier

  IRG4PSC71U Datasheet HTML 1Page - International Rectifier IRG4PSC71U Datasheet HTML 2Page - International Rectifier IRG4PSC71U Datasheet HTML 3Page - International Rectifier IRG4PSC71U Datasheet HTML 4Page - International Rectifier IRG4PSC71U Datasheet HTML 5Page - International Rectifier IRG4PSC71U Datasheet HTML 6Page - International Rectifier IRG4PSC71U Datasheet HTML 7Page - International Rectifier IRG4PSC71U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRG4PSC71U
UltraFast Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
PD - 91681A
E
C
G
n-channel
Features
• UltraFast switching speed optimized for operating
frequencies 8 to 40kHz in hard switching, 200kHz
in resonant mode soft switching
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency
(minimum switching and conduction losses) than
prior generations
• Industry-benchmark Super-247 package with
higher power handling capability compared to
same footprint TO-247
• Creepage distance increased to 5.35mm
• Generation 4 IGBT's offer highest efficiencies
available
• Maximum power density, twice the power
handling of the TO-247, less space than TO-264
• IGBTs optimized for specific application conditions
• Cost and space saving in designs that require
multiple, paralleled IGBTs
Benefits
VCES = 600V
VCE(on) typ. = 1.67V
@VGE = 15V, IC = 60A
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
85
†
IC @ TC = 100°C
Continuous Collector Current
60
A
ICM
Pulsed Collector Current Œ
Œ
Œ
Œ
Œ
200
ILM
Clamped Inductive Load Current 




200
VGE
Gate-to-Emitter Voltage
± 20
V
EARV
Reverse Voltage Avalanche Energy Ž
Ž
Ž
Ž
Ž
180
mJ
PD @ TC = 25°C
Maximum Power Dissipation
350
PD @ TC = 100°C
Maximum Power Dissipation
140
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (0.063 in. (1.6mm from case )
°C
Absolute Maximum Ratings
W
5/12/99
www.irf.com
1
SUPER - 247
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
–––
0.36
RθCS
Case-to-Sink, flat, greased surface
–––
0.24
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
–––
38
Recommended Clip Force
20.0(2.0)
–––
–––
N (kgf)
Weight
–––
6 (0.21)
–––
g (oz)
Thermal Resistance\ Mechanical


Similar Part No. - IRG4PSC71U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PSC71UD IRF-IRG4PSC71UD Datasheet
253Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.67V, @Vge=15V, Ic=60A)
logo
Inchange Semiconductor ...
IRG4PSC71UD ISC-IRG4PSC71UD Datasheet
357Kb / 2P
IGBT
logo
International Rectifier
IRG4PSC71UDPBF IRF-IRG4PSC71UDPBF Datasheet
515Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSC71UDPBF IRF-IRG4PSC71UDPBF Datasheet
521Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSC71UDPBF IRF-IRG4PSC71UDPBF_15 Datasheet
521Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PSC71U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30K IRF-IRG4BC30K Datasheet
137Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30U IRF-IRG4BC30U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC30F IRF-IRG4PC30F Datasheet
145Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC40W IRF-IRG4PC40W Datasheet
116Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
IRG4PSC71K IRF-IRG4PSC71K Datasheet
152Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V,Vce(on)typ.=1.83V, @Vge=15V, Ic=60A)
IRG4PSC71UD IRF-IRG4PSC71UD Datasheet
253Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.67V, @Vge=15V, Ic=60A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com