Electronic Components Datasheet Search
  English  ▼

X  

3031 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3031
Description  727 KHz Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3031 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3031 Datasheet HTML 1Page - KR Electronics, Inc. 3031 Datasheet HTML 2Page - KR Electronics, Inc. 3031 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3031, 727 KHz Bandpass, Rev 0, July 9, 2011
KR Electronics, Inc.
KR Electronics part number 3031 is a 727 KHz bandpass filter.
Other center frequencies and are bandwidths available. Please
consult the factory.
General Description
KR Electronics, Inc.
Features
 727 KHz Bandpass
 80 KHz Min 3 dB Passband
 High Stopband Attenuation
 50  Source and Load
 BNC(f) Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3031

ManufacturerPart #DatasheetDescription
logo
Heyco.
3031 HEYCO-3031 Datasheet
238Kb / 1P
Zinc Die-Cast Box Connectors
logo
Littelfuse
3031-0 LITTELFUSE-3031-0 Datasheet
136Kb / 1P
GLASS 3031 32V IN-LINE SFE AND AGC GLASS FUSE HOLDER
2021
logo
Mersen
30310 MERSEN-30310 Datasheet
89Kb / 1P
MIDGET, PC MOUNT & MINIATURE FUSES
30310 MERSEN-30310 Datasheet
93Kb / 1P
Fast-Acting Midget Fuses
logo
3M Electronics
30310-5002HB 3M-30310-5002HB Datasheet
785Kb / 4P
3M™ Low Profile Header .100” × .100” Straight and Right Angle, Four-Wall
April 11, 2012
More results

Similar Description - 3031

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2851 KR-2851 Datasheet
50Kb / 2P
500 KHz bandpass filter
2869 KR-2869 Datasheet
97Kb / 2P
20 KHz bandpass filter
logo
API Technologies Corp
SF0122BA03286S APITECH-SF0122BA03286S Datasheet
1Mb / 3P
121.5 MHz SAW Bandpass Filter, 25 kHz Bandwidth
logo
TriQuint Semiconductor
855625 TRIQUINT-855625_15 Datasheet
68Kb / 1P
190 MHz Bandpass Filter 200 kHz Bandwidth
logo
KR Electronics, Inc.
3026 KR-3026 Datasheet
40Kb / 3P
650 KHz Bandpass
3113 KR-3113 Datasheet
225Kb / 3P
100 KHz Differential Bandpass
3117 KR-3117 Datasheet
58Kb / 3P
350 KHz Bandpass Filter
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
770 KHz Bandpass Filter
2436-90-SMA KR-2436-90-SMA Datasheet
183Kb / 3P
90 KHz Bandpass Filter
3317-SMA KR-3317-SMA Datasheet
197Kb / 3P
100 KHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com