Electronic Components Datasheet Search
  English  ▼

X  

HD74HC620P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC620P
Description  Octal Bus Transceivers (with inverted 3-state outputs)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC620P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC620P Datasheet HTML 1Page - Renesas Technology Corp HD74HC620P Datasheet HTML 2Page - Renesas Technology Corp HD74HC620P Datasheet HTML 3Page - Renesas Technology Corp HD74HC620P Datasheet HTML 4Page - Renesas Technology Corp HD74HC620P Datasheet HTML 5Page - Renesas Technology Corp HD74HC620P Datasheet HTML 6Page - Renesas Technology Corp HD74HC620P Datasheet HTML 7Page - Renesas Technology Corp HD74HC620P Datasheet HTML 8Page - Renesas Technology Corp HD74HC620P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 11
HD74HC620, HD74HC623
Octal Bus Transceivers (with inverted 3-state outputs)
Octal Bus Transceivers (with 3-state outputs)
REJ03D0636-0200
(Previous ADE-205-516)
Rev.2.00
Mar 30, 2006
Description
This octal bus transceiver is designed for asynchronous two-way communication between data buses. The control
function implementation allows for maximum flexibility in timing.
This device allows data transmission from the A bus to the B bus or from the B bus to the A bus depending upon the
logic levels at the enable inputs (
GBA and GAB).
The enable inputs can be used to disable the device so that the buses are effectively isolated.
The dual-enable configuration gives these devices the capability to store data by simultaneous enabling of
GBA and
GAB. Each output reinforces its input in this transceiver configuration. Thus, when both control inputs are enabled and
all other data sources to the two sets of bus lines are at high impedance, both sets of bus lines (16 in all) will remain at
their last states. The 8-bit codes appearing on the two sets of buses will be identical for the HD74HC623 or
complementary for the HD74HC620.
Features
• High Speed Operation: t
pd (Bus to Bus) = 12 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads (Q
A to QH outputs)
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC620P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74HC620FPEL
HD74HC623FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74HC620RPEL
HD74HC623RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Enable Inputs
Operation
GBA
GAB
HD74HC620
HD74HC623
L
L
B data to A bus
B data to A bus
H
H
A data to B bus
A data to B bus
H
L
Isolation
Isolation
L
H
B data to A bus, A data to B bus
B data to A bus, A data to B bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com