Electronic Components Datasheet Search
  English  ▼

X  

3065 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3065
Description  88 MHz Lowpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3065 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3065 Datasheet HTML 1Page - KR Electronics, Inc. 3065 Datasheet HTML 2Page - KR Electronics, Inc. 3065 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3065, Rev 0, December 22, 2011
KR Electronics, Inc.
KR Electronics part number 3065 is a 88 MHz lowpass filter.
The filter has a minimum 1 dB bandwidth of 88 MHz and a
maximum 40 dB bandwidth of 118 MHz. Other bandwidths are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 88 MHz Lowpass Filter
 40 dB min Attenuation at 118 MHz
 Sharp Elliptic Type Design
 50  Source and Load
 SMA Connectors
 Also available in surface mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3065 ETC2-3065 Datasheet
92Kb / 2P
WASHERS AND NUTS
3065 ETC2-3065 Datasheet
78Kb / 1P
KNOB
logo
Heyco.
3065 HEYCO-3065 Datasheet
117Kb / 1P
Pry Out Plugs
logo
List of Unclassifed Man...
3065-E ETC2-3065-E Datasheet
82Kb / 1P
KNOB
logo
Gamewell-FCI by Honeywe...
30653 GAMEWELL-FCI-30653 Datasheet
104Kb / 2P
Analog addressable manual pull station
More results

Similar Description - 3065

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
615 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP KR-3253-201-LP Datasheet
92Kb / 3P
201 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com