Electronic Components Datasheet Search
  English  ▼

X  

UPD16873 Datasheet(PDF) 1 Page - NEC

Part # UPD16873
Description  MONOLITHIC 3-ASPECT SPINDLE MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16873 Datasheet(HTML) 1 Page - NEC

  UPD16873 Datasheet HTML 1Page - NEC UPD16873 Datasheet HTML 2Page - NEC UPD16873 Datasheet HTML 3Page - NEC UPD16873 Datasheet HTML 4Page - NEC UPD16873 Datasheet HTML 5Page - NEC UPD16873 Datasheet HTML 6Page - NEC UPD16873 Datasheet HTML 7Page - NEC UPD16873 Datasheet HTML 8Page - NEC UPD16873 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS Integrated Circuit
µµµµPD16873/A/B/C
MONOLITHIC 3-ASPECT SPINDLE MOTOR DRIVER
Document No. S13870EJ1V0DS00 (1st edition)
Date Published February 2000 N CP(K)
Printed in Japan
DATA SHEET
©
2000
DESCRIPTION
µPD16873/A/B/C is 3 aspect spindle motor driver that composed by CMOS control circuit and MOS bridge output.
The consumption electric power can be substantially reduced to the screwdriver which used a conventional
Bipolar transistor by the adoption of 3 aspect all-wave PWM methods and making an output paragraph MOSFET.
FEATURES
•
Low On resistance. (The summation of the on resistance of the upper and lower MOSFET) RON = 0.6
Ω (TYP.)
•
Low consumption power for 3 aspects all-wave PWM drive method.
•
Index pulse (FG pulse) output function built in.
•
By the PWM-drive form and the IND pulse pattern, 4 kind, line-up
PWM method
Pattern of IND pulse (at 12 pole motor)
µPD16873
normal
3 phase composition output (18 pulses/turn)
µPD16873A
normal
1 phase output (6 pulses/turn)
µPD16873B
synchronous
1 phase output (6 pulses/turn)
µPD16873C
synchronous
3 phase composition output (18 pulses/turn)
•
Built in STANDBY terminal and off the inner circuit at the time of the standby.
•
Built in START/STOP terminal. Operating short brake works, when ST/SP terminal is off state.
•
Supply voltage: 5 V drive
•
Low consumption current: IDD = 3 mA (MAX.)
•
Thermal shut down circuit (TSD) built in.
•
Over current protection circuit built in. (Setting by outside resistance)
•
Low voltage malfunction prevention circuit built in.
•
Reverse turn prevention circuit built in.
•
Hall bias switch built in. (synchronized STB signal.)
•
Loading into 30-pin plastic TSSOP (300 mil).
ORDERING INFORMATION
Part number
Function
Package
µPD16873MC-6A4
normal-PWM/3 phase IND
µPD16873AMC-6A4
normal-PWM/1 phase IND
µPD16873BMC-6A4
synchronous-PWM/1 phase IND
µPD16873CMC-6A4
synchronous-PWM/3 phase IND
30-pin plastic TSSOP (7.62 mm (300))


Similar Part No. - UPD16873

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16873 RENESAS-UPD16873 Datasheet
272Kb / 18P
MOS Integrated Circuit
2000
UPD16873A RENESAS-UPD16873A Datasheet
272Kb / 18P
MOS Integrated Circuit
2000
UPD16873AMC-6A4 RENESAS-UPD16873AMC-6A4 Datasheet
272Kb / 18P
MOS Integrated Circuit
2000
UPD16873B RENESAS-UPD16873B Datasheet
272Kb / 18P
MOS Integrated Circuit
2000
UPD16873BMC-6A4 RENESAS-UPD16873BMC-6A4 Datasheet
272Kb / 18P
MOS Integrated Circuit
2000
More results

Similar Description - UPD16873

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
SPINDLE MOTOR DRIVER
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
SPINDLE MOTOR DRIVER
logo
NEC
UPD16856 NEC-UPD16856 Datasheet
102Kb / 16P
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Rohm
BA6859AFP-Y ROHM-BA6859AFP-Y Datasheet
273Kb / 6P
3-Phase spindle motor driver
BA6664FM ROHM-BA6664FM_1 Datasheet
299Kb / 6P
3-phase spindle motor driver
BD6671FM ROHM-BD6671FM Datasheet
292Kb / 6P
3-Phase spindle motor driver
logo
Renesas Technology Corp
PD16856 RENESAS-PD16856_15 Datasheet
229Kb / 18P
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com