Electronic Components Datasheet Search
  English  ▼

X  

IRG4RC10SD Datasheet(PDF) 9 Page - International Rectifier

Part # IRG4RC10SD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10SD Datasheet(HTML) 9 Page - International Rectifier

Back Button IRG4RC10SD Datasheet HTML 2Page - International Rectifier IRG4RC10SD Datasheet HTML 3Page - International Rectifier IRG4RC10SD Datasheet HTML 4Page - International Rectifier IRG4RC10SD Datasheet HTML 5Page - International Rectifier IRG4RC10SD Datasheet HTML 6Page - International Rectifier IRG4RC10SD Datasheet HTML 7Page - International Rectifier IRG4RC10SD Datasheet HTML 8Page - International Rectifier IRG4RC10SD Datasheet HTML 9Page - International Rectifier IRG4RC10SD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRG4RC10SD
www.irf.com
9
V g
GAT E SIG NA L
DE VICE UNDER T E ST
CURRENT D.U.T.
VO L TAG E IN D.U.T.
CURRENT IN D1
t0
t1
t2
D.U.T.
V *
c
50V
L
1000V
6000µ F
100 V
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current
Test Circuit
RL=
480V
4 X IC @25°C
0 - 480V
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit
Package Outline
TO-252AA Outline
Dimensions are shown in millimeters (inches)
6.73 (.2 65 )
6.35 (.2 50 )
- A -
4
1
2
3
6.22 (.2 45 )
5.97 (.2 35 )
- B -
3X
0.89 (.0 35 )
0.64 (.0 25 )
0.25 (.0 10 )
M
A M B
4.57 ( .18 0)
2.28 (.0 90 )
2X
1.1 4 (.0 45)
0.7 6 (.0 30)
1.52 ( .06 0)
1.15 ( .04 5)
1.02 (.04 0)
1.64 (.02 5)
5.46 (.21 5)
5.21 (.20 5)
1.27 ( .0 50)
0.88 ( .0 35)
2.3 8 (.0 94 )
2.1 9 (.0 86 )
1.1 4 ( .0 45)
0.8 9 ( .0 35)
0.58 (.02 3)
0.46 (.01 8)
6.45 (.24 5)
5.68 (.22 4)
0.51 (.020)
M IN .
0.58 (.0 23)
0.46 (.0 18)
L EAD ASSIG N M E NT S
1 - G A TE
2 - D R A IN
3 - SOURCE
4 - D R A IN
10 .42 (.41 0)
9.40 (.3 70 )
NOT E S:
1 DIM EN SIO NING & TO L E RANCING PE R ANSI Y14 .5 M, 19 82.
2 CONTROLL ING DIM E NSIO N : IN CH.
3 CONFORM S T O JE DEC OUTL IN E TO - 252 AA.
4 DIM EN SIO NS SHOW N ARE BEFO RE SO LD ER DIP,
S O L D ER D IP M A X. + 0.16 (.0 06 ).
LEAD ASSIGNMENTS
1 - GATE
2 - COLLECTOR
3 - EMITTER
4 - COLLECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com