Electronic Components Datasheet Search
  English  ▼

X  

SSF7401 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF7401
Description  P-Ch Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF7401 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF7401_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF7401_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF7401_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF7401_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSF7401
-30V , -2A
P-Ch Enhancement Mode MOSFET
18-Oct-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOT-323
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSF7401 uses advanced trench technology to
provide excellent on-resistance, low gate charge and
operation with gate voltage as low as 2.5V. It can be
used for a wide variety of applications, including load
switching, low current inverters and low current DC-DC
converters. The SSF7401 is universally used for all
commercial-industrial applications.
FEATURES
●
Small Package Outline
●
Lower Gate Charge
MARKING CODE
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±12
V
TA=25°C
-2
A
Continuous Drain Current 3
TA=70°C
ID
-1.5
A
Pulsed Drain Current 1.2
IDM
-10
A
Linear Derating Factor
0.0028
°C / W
Power Dissipation
PD
0.35
W
Thermal Resistance Junction-Ambient 3
RθJA
360
°C / W
Operating Junction and Storage Temperature
TJ, TSTG
-55~150
°C
Note:
1. Pulse width limited by Max. junction temperature.
2. Pulse width 300
≦
μs, duty cycle 2%.
≦
3. Surface mounted on FR4 board, t 10sec
≦

G

S
D

Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
7401


Similar Part No. - SSF7401_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSF7401 SECOS-SSF7401 Datasheet
360Kb / 4P
-30V , -2A P-Ch Enhancement Mode MOSFET
More results

Similar Description - SSF7401_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF622EF AUK-SUF622EF Datasheet
397Kb / 5P
N-Ch/P-Ch Enhancement-Mode MOSFET
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com