Electronic Components Datasheet Search
  English  ▼

X  

IRG4RC10UD Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4RC10UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10UD Datasheet(HTML) 1 Page - International Rectifier

  IRG4RC10UD Datasheet HTML 1Page - International Rectifier IRG4RC10UD Datasheet HTML 2Page - International Rectifier IRG4RC10UD Datasheet HTML 3Page - International Rectifier IRG4RC10UD Datasheet HTML 4Page - International Rectifier IRG4RC10UD Datasheet HTML 5Page - International Rectifier IRG4RC10UD Datasheet HTML 6Page - International Rectifier IRG4RC10UD Datasheet HTML 7Page - International Rectifier IRG4RC10UD Datasheet HTML 8Page - International Rectifier IRG4RC10UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
8.5
IC @ TC = 100°C
Continuous Collector Current
5.0
ICM
Pulsed Collector Current
Q
34
A
ILM
Clamped Inductive Load Current
R
34
IF @ TC = 100°C
Diode Continuous Forward Current
4.0
IFM
Diode Maximum Forward Current
16
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
38
PD @ TC = 100°C
Maximum Power Dissipation
15
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
–––
–––
3.3
RθJC
Junction-to-Case - Diode
–––
–––
7.0
°C/W
RθJA
Junction-to-Ambient (PCB mount)*
–––
–––
50
Wt
Weight
–––
0.3 (0.01)
–––
g (oz)
IRG4RC10UD
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
Features
Features
Features
Features
Features
E
G
n-c hannel
C
VCES = 600V
VCE(on) typ. = 2.15V
@VGE = 15V, IC = 5.0A
tf (typ.) = 140ns
Thermal Resistance
UltraFast CoPack IGBT
12/30/00
Absolute Maximum Ratings
• UltraFast: Optimized for medium operating
frequencies ( 8-40 kHz in hard switching, >200
kHz in resonant mode).
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
previous generation
• IGBT co-packaged with HEXFREDTM ultrafast,
ultra-soft-recovery anti-parallel diodes for use in
bridge configurations
• Industry standard TO-252AA package
Benefits
• Generation 4 IGBT's offer highest efficiencies
available
• IGBT's optimized for specific application conditions
• HEXFRED diodes optimized for performance with
IGBT's . Minimized recovery characteristics require
less/no snubbing
• Lower losses than MOSFET's conduction and Diode
losses
PD 91571A
W
D-PAK
TO-252AA
Details of note
Q through T are on the last page
www.irf.com
1


Similar Part No. - IRG4RC10UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10UDPBF IRF-IRG4RC10UDPBF Datasheet
308Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UDPBF IRF-IRG4RC10UDPBF Datasheet
308Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UDPBF IRF-IRG4RC10UDPBF_15 Datasheet
308Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4RC10UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10KD IRF-IRG4BC10KD Datasheet
210Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4PH20KD IRF-IRG4PH20KD Datasheet
276Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4RC10K IRF-IRG4RC10K Datasheet
134Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10KD IRF-IRG4RC10KD Datasheet
190Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10U IRF-IRG4RC10U Datasheet
131Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com