Electronic Components Datasheet Search
  English  ▼

X  

3067 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3067
Description  184 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3067 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3067 Datasheet HTML 1Page - KR Electronics, Inc. 3067 Datasheet HTML 2Page - KR Electronics, Inc. 3067 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2012, KR Electronics, Inc.
3067, Rev 0, April 19, 2012
KR Electronics, Inc.
KR Electronics part number 3067 is a 184 MHz bandpass filter.
The filter has a minimum 1 dB bandwidth of 50 MHz and maxi-
mum 60 dB bandwidth of 122 MHz. Other center frequencies
and bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 184 MHz Bandpass Filter
 Sharp Elliptic Type Design
 50  Source and Load
 Surface mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3067

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
3067990821 FAIR-RITE-3067990821 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990831 FAIR-RITE-3067990831 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990841 FAIR-RITE-3067990841 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990851 FAIR-RITE-3067990851 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990861 FAIR-RITE-3067990861 Datasheet
514Kb / 1P
Antenna/ RFID Rods
More results

Similar Description - 3067

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0461A TAI-SAW-TA0461A_11 Datasheet
511Kb / 7P
SAW Filter 184 MHz
TA1450A TAI-SAW-TA1450A Datasheet
385Kb / 7P
SAW Filter 184 MHz
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com