Electronic Components Datasheet Search
  English  ▼

X  

3086 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3086
Description  250 MHz Lowpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3086 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3086 Datasheet HTML 1Page - KR Electronics, Inc. 3086 Datasheet HTML 2Page - KR Electronics, Inc. 3086 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2012, KR Electronics, Inc.
3086, Rev 0, January 3, 2013
KR Electronics, Inc.
KR Electronics part number 3086 is a 250 MHz group delay
equalized lowpass filter. The filter attains over 60 dB attenuation
by 330 MHz. Other bandwidths are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 250 MHz Lowpass Filter
 Sharp Elliptic Type Design
 Group Delay Equalized
 60 dB min Attenuation at 330 MHz
 50  Source and Load
 Surface mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3086

ManufacturerPart #DatasheetDescription
logo
Heyco.
3086 HEYCO-3086 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3086 ABBATRON-3086 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3086 KEYSTONE-3086 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
nVent Electric plc
30860-501 NVENT-30860-501 Datasheet
8Mb / 18P
Multipacpro
09/2021
30860-502 NVENT-30860-502 Datasheet
8Mb / 18P
Multipacpro
09/2021
More results

Similar Description - 3086

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3068 KR-3068 Datasheet
56Kb / 3P
250 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
615 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com