Electronic Components Datasheet Search
  English  ▼

X  

UPD16877 Datasheet(PDF) 8 Page - NEC

Part # UPD16877
Description  MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16877 Datasheet(HTML) 8 Page - NEC

  UPD16877 Datasheet HTML 1Page - NEC UPD16877 Datasheet HTML 2Page - NEC UPD16877 Datasheet HTML 3Page - NEC UPD16877 Datasheet HTML 4Page - NEC UPD16877 Datasheet HTML 5Page - NEC UPD16877 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
Data Sheet S13964EJ1V0DS00
8
µµµµPD16877
STANDARD CONNECTION EXAMPLE
µ
DC/DC CONVERTER
CPU
motor1
OUT1A
VM4
VDD = VM = 2.7 V to 5.5 V
low voltage
malfunction
prevention
circuit
VM4
VM2 3
H-bridge
(1)
H-bridge
(2)
level
shift
circuit
control
circuit
H-bridge
(3)
H-bridge
(4)
OUT2A
IN1
VDD
EN1
IN2
EN2
IN3
EN3
IN4
EN4
OUT2B
OUT1B
PGND
OUT3A
OUT3B
PGND
OUT4A
OUT4B
PGND
PGND
1 to 10 F
µ
1 to 10 F
motor2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com