Electronic Components Datasheet Search
  English  ▼

X  

UPD16877 Datasheet(PDF) 2 Page - NEC

Part # UPD16877
Description  MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16877 Datasheet(HTML) 2 Page - NEC

  UPD16877 Datasheet HTML 1Page - NEC UPD16877 Datasheet HTML 2Page - NEC UPD16877 Datasheet HTML 3Page - NEC UPD16877 Datasheet HTML 4Page - NEC UPD16877 Datasheet HTML 5Page - NEC UPD16877 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet S13964EJ1V0DS00
2
µµµµPD16877
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
When mounted on a glass epoxy board (10 cm
×××× 10 cm ×××× 1 mm, 15% copper foil)
Parameter
Symbol
Condition
Rating
Unit
Control block supply voltage
VDD
−0.5 to +6.0
V
Output block supply voltage
VM
−0.5 to +6.0
V
Input voltage
VIN
−0.5 to VDD + 0.5
V
Output terminal voltage
VOUT
6.2
V
ID(DC)
DC
±0.3
A/ch
Output current
ID(pulse)
PW
≤ 10 ms, Duty ≤ 5%
±0.7
A/ch
Power consumption
PT
0.7
W
Peak junction temperature
TCH(MAX)
150
°C
Storage temperature range
Tstg
−55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
When mounted on a glass epoxy board (10 cm
×××× 10 cm ×××× 1 mm, 15% copper foil)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Control block supply voltage
VDD
2.5
5.5
V
Output block supply voltage
VM
2.7
5.5
V
Output current
ID(DC)
DC
−0.2
+0.2
A
Operating frequency
fIN
IN, EN terminal
100
kHz
Operating temperature range
TA
−10
85
°C
Peak junction temperature
TCH(MAX)
125
°C
CHARACTERISTICS (Unless otherwise specified, VDD = VM = 3 V, TA = 25
°°°°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Off state VM pin current
IM(OFF)
All control terminal: L level
10
µA
VDD pin current
IDD
All control terminal: L level
10
µA
High level input current
IIH
VIN = VDD
0.06
mA
Low level input current
IIL
VIN = 0 V
−1.0
µA
Input pull down resistance
RIND
50
200
k
Ω
High level input voltage
VIH
0.7
× VDD
VDD+0.3
V
Low level input voltage
VIL
2.5 V
≤ VDD ≤ 5.5 V
−3.0
0.3
× VDD
V
H-bridge ON resistance
RON
2.5 V
≤ VM, VDD ≤ 5.5 V
Upper + lower
3.0
Ω
VDDS1
VM = 5 V
−10°C ≤ TA ≤ +85°C
0.8
2.5
V
Low voltage malfunction
prevention circuit operating voltage
VDDS2
VM = 3 V
−10°C ≤ TA ≤ +85°C
0.65
2.5
V
H bridge output turn-on time
tONH
0.7
20
µs
H bridge output turn-off time
tOFFH
0.2
0.5
µs
H bridge output rise time
tr
0.1
0.4
1.0
µs
H bridge output fall time
tf
RM = 20
Ω
Figure 1
70
200
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com