Electronic Components Datasheet Search
  English  ▼

X  

HD74HC86P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC86P
Description  Quad. 2-input Exclusive-OR Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC86P Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74HC86P Datasheet HTML 1Page - Renesas Technology Corp HD74HC86P Datasheet HTML 2Page - Renesas Technology Corp HD74HC86P Datasheet HTML 3Page - Renesas Technology Corp HD74HC86P Datasheet HTML 4Page - Renesas Technology Corp HD74HC86P Datasheet HTML 5Page - Renesas Technology Corp HD74HC86P Datasheet HTML 6Page - Renesas Technology Corp HD74HC86P Datasheet HTML 7Page - Renesas Technology Corp HD74HC86P Datasheet HTML 8Page - Renesas Technology Corp HD74HC86P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74HC86
Rev.2.00, Oct 06, 2005 page 4 of 6
Test Circuit
L
*
C includes the probe and fig capacitance.
Note:
Measurement point
C
L
Waveforms
0 V
VCC
VOH
VOL
tPLH
tPHL
10 %
90 %
50 %
50 %
50 %
50 %
10 %
90 %
tr
tf
tTHL
10 %
90 %
tTLH
10 %
90 %
VOH
VOL
50 %
50 %
tTHL
10 %
90 %
tTLH
10 %
90 %
tPHL
tPLH
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. The output are measured one at a time with one transition per measurement.
Notes:
Input
Same-phase output
Inverse-phase output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com