Electronic Components Datasheet Search
  English  ▼

X  

UR024010WH Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UR024010WH
Description  Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR024010WH Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UR024010WH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR024010WH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal Reversible USB 2.0 Hi-Speed Extension
Cable (Reversible A to A M/F), White, 10-ft.
MODEL NUMBER: UR024-010-WH
Description
This 10-ft USB extension cable features a Universal / Reversible, A-Male connector, and is manufactured using
USB2.0 cable. Universal / Reversible connector allows the cable to be plugged in any direction. This cable is
backwards compatible and can also be used with the older USB 1.1 cables. Made with superior foil shielding for
reliable error-free data communications. Features nickel plated connectors and gold plated copper contacts for
superior conductivity. The cable is manufactured with molded connectors and integral strain relief for extra
durability and long life. The significantly faster data transfer rates of USB 2.0 (up to 480 Mbps) makes it perfect
for multimedia applications.
Features
10ft, White, USB 2.0 A-Male to A-Female Extension, with Universal / Reversible "A" Male connector
USB 2.0 compliant, to 480Mbps transfer rates
Backward compatible with previous USB generations
Gold plated contacts and molded ends provide a lifetime of use
28AWG Data Pair, 24AWG Power pair
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Style
USB
Highlights
Universal / Reversible A-Male
plugs in any direction
Extend distances of USB 2.0
cables with this extension cable
Supports faster data transfer
rates (1.5 to 480 Mbps) for low
speed and high speed devices,
especially multimedia applications
Premium double-shielded cables
with tinned copper braid and
aluminum mylar foil feature
twisted 28/24 AWG data lines
Gold plated contacts provide
superior conductivity
System Requirements
Any USB device requiring a USB
cable
USB2.0 performance only when
used with USB2.0 device and
USB2.0 controller
Package Includes
Universal Reversible USB 2.0
A-Male to A-Female Extension
Cable - White - 10ft
1 / 2


Similar Part No. - UR024010WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR024010 TRIPPLITE-UR024010 Datasheet
503Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 10-ft
More results

Similar Description - UR024010WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR020010 TRIPPLITE-UR020010 Datasheet
516Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 10-ft
UR024001 TRIPPLITE-UR024001 Datasheet
497Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 1-ft
UR024003WH TRIPPLITE-UR024003WH Datasheet
484Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 3-ft
UR024006 TRIPPLITE-UR024006 Datasheet
503Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 6-ft
UR024006WH TRIPPLITE-UR024006WH Datasheet
484Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 6-ft
UR024010 TRIPPLITE-UR024010 Datasheet
503Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 10-ft
UR024-001 TRIPPLITE-UR024-001 Datasheet
498Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M/F) 1-ft.
UR024-010 TRIPPLITE-UR024-010 Datasheet
504Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M/F), 10-ft
UR024-003-WH TRIPPLITE-UR024-003-WH Datasheet
155Kb / 2P
Universal Reversible USB 2.0 Extension Cable (Reversible A to A M/F), White, 3-ft.
UR024-010-WH TRIPPLITE-UR024-010-WH Datasheet
155Kb / 2P
Universal Reversible USB 2.0 Extension Cable (Reversible A to A M/F), White, 10-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com