Electronic Components Datasheet Search
  English  ▼

X  

UR030006LAB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UR030006LAB
Description  Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-Angle 5Pin Mini B M-M), 6-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR030006LAB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UR030006LAB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR030006LAB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal Reversible USB 2.0 Hi-Speed Cable
(Reversible A to Left-Angle 5Pin Mini B M/M), 6-ft.
MODEL NUMBER: UR030-006-LAB
Description
Tripp Lite's UR030-006-LAB, 6-ft, USB 2.0 Universal / Reversible "A" to Left-Angle Mini-B 5-pin device cable,
meets or exceeds USB 2.0 Specifications. Connects a Digital camera, PDA, Cell Phone, etc to a USB port on a
computer or hub. Backward compatible - can be used with older USB1.1 applications as well. All Tripp Lite USB
2.0 cabling include superior foil shielding for reliable, error-free data communications. Features nickel plated
connectors and gold plated copper contacts for superior conductivity. The cable is manufactured with molded
connectors and integral strain relief for extra durability and long life.
Features
Universal / Reversible "A" connector plugs in any direction
Left-Angle Mini B connector ideal in situations where space is at a premium, and reduces stress / excessive bending on the cable
Meets or Exceeds USB 2.0 Specifications
Connects to Cameras, Cell Phones, PDA's, etc with 5-Pin Mini-B USB connectors
Supports faster data transfer rate (1.5 to 480 Mbps) for low speed and high speed devices including multimedia applications
Premium double-shielded cables with tinned copper braid and aluminum Mylar foil
Nickel plated connectors and gold plated copper contacts for superior conductivity.
Molded connectors and integral strain relief for extra durability and long life.
Specifications
General Info
RoHS
Y
OVERVIEW
Highlights
Universal / Reversible A
connector eliminates guess-work
as to connector orientation
Left-Angle Mini B connector ideal
in situations where space is at a
premium, and reduces stress /
excessive bending on the cable
Meets or Exceeds USB 2.0
Specifications
Connects to Cameras, PDA's, etc
with Mini-B 5-Pin connectors
System Requirements
Any USB device requiring a USB
cable with Mini-B 5-Pin connector
USB2.0 performance only when
used with USB2.0 device and
USB2.0 controller
Package Includes
6-ft. USB2.0 Universal /
Reversible A to Left-Angle Mini-B
Device Cable (A Male to 5Pin
Mini-B Male)
1 / 2


Similar Part No. - UR030006LAB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR030006 TRIPPLITE-UR030006 Datasheet
495Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Mini B M-M), 6-ft
UR030006DNB TRIPPLITE-UR030006DNB Datasheet
494Kb / 2P
Universal Reversible USB 2.0 Converter Adapter Cable (Reversible A to Down-Angle 5Pin Mini B M-M) 6-ft
UR030006RA TRIPPLITE-UR030006RA Datasheet
487Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible Right-Left Angle A to 5Pin Mini-B M-M),6-ft
UR030006RAB TRIPPLITE-UR030006RAB Datasheet
477Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Right-Angle 5Pin Mini B M-M), 6-ft
UR030006UDA TRIPPLITE-UR030006UDA Datasheet
504Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Up - Down Angle Reversible A to 5Pin Mini-B M-M), 6-ft
More results

Similar Description - UR030006LAB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR030003LAB TRIPPLITE-UR030003LAB Datasheet
481Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-Angle 5Pin Mini B M-M), 3-ft
UR030006 TRIPPLITE-UR030006 Datasheet
495Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Mini B M-M), 6-ft
UR030006RA TRIPPLITE-UR030006RA Datasheet
487Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible Right-Left Angle A to 5Pin Mini-B M-M),6-ft
UR030006RAB TRIPPLITE-UR030006RAB Datasheet
477Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Right-Angle 5Pin Mini B M-M), 6-ft
UR030006UPB TRIPPLITE-UR030006UPB Datasheet
489Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Up-angle 5Pin Mini B M-M), 6-ft
UR050006 TRIPPLITE-UR050006 Datasheet
498Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M-M), 6-ft
UR050006LAB TRIPPLITE-UR050006LAB Datasheet
481Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-angle 5Pin Micro B M-M), 6-ft
UR030-006 TRIPPLITE-UR030-006 Datasheet
496Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A M to 5Pin Mini-B M, 6-ft.
UR050-006 TRIPPLITE-UR050-006 Datasheet
500Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M/M) 6-ft.
UR030-006-LAB TRIPPLITE-UR030-006-LAB Datasheet
157Kb / 2P
Universal Reversible USB 2.0 Cable (Reversible A to Left-Angle 5Pin Mini B M/M), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com