Electronic Components Datasheet Search
  English  ▼

X  

UPD16879 Datasheet(PDF) 2 Page - NEC

Part # UPD16879
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16879 Datasheet(HTML) 2 Page - NEC

  UPD16879 Datasheet HTML 1Page - NEC UPD16879 Datasheet HTML 2Page - NEC UPD16879 Datasheet HTML 3Page - NEC UPD16879 Datasheet HTML 4Page - NEC UPD16879 Datasheet HTML 5Page - NEC UPD16879 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet S14188EJ1V0DS00
2
µµµµPD16879
ABSOLUTE MAXIMUM RATINGS (TA = +25°C)
When mounted on a glass epoxy board (100 mm
×××× 100 mm ×××× 1 mm, 15% copper foil)
Parameter
Symbol
Conditions
Rating
Unit
VDD
Control part
–0.5 to +6.0
V
Supply voltage
VM
Output part
–0.5 to +11.2
V
Input voltage
VIN
–0.5 to VDD + 0.5
V
Reference voltage
VREF
External input
0.5
V
IM(DC)
DC
±0.15
A/ch
H bridge drive current
IM(pulse)
PW < 10 ms, Duty < 5 %
±0.3
A/ch
Power consumption
PT
1.0
W
Peak junction temperature
TCH(MAX)
150
°C
Storage temperature
Tstg
–55
∼ +150
°C
RECOMMENDED OPERATING RANGE (TA = +25°C)
When mounted on a glass epoxy board (100 mm
×××× 100 mm ×××× 1 mm, 15% copper foil)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD
Control part
2.7
5.5
V
Supply voltage
VM
Output part
4.0
11
V
Input voltage
VIN
0VDD
V
Reference voltage
VREF
External input
225
250
275
mV
EXP pin input voltage
VEXPIN
VDD
V
EXP pin input current
IEXPIN
100
µA
IM(DC)
DC
−0.1
+0.1
A/ch
H bridge drive current
IM(pulse)
PW < 10 ms, Duty < 5%
−0.2
+0.2
A/ch
Clock frequency (OSCIN)fCLK
COSC = 68 pF, VREF = 250 mV
3.9
4.5
6.0
MHz
Clock frequency amplitude
VfCLK
0.7
× VDD
VDD
V
Serial clock frequency
fSCLK
5.0
MHz
Video sync signal width
PW(VD)
fCLK = 4.5 MHz
250
ns
LATCH signal wait time
t(VD-LATCH)
400
ns
SCLK wait time
t(SCLK-LATCH)
400
ns
SDATA setup time
tsetup
80
ns
SDATA hold time
thold
Refer to Fig. 1
80
ns
Reset signal pulse width
tRST
100
µs
Operating temperautre
TA
−10
85
°C
Peak junction temperature
TCH(MAX)
125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com