Electronic Components Datasheet Search
  English  ▼

X  

IRGBC30F Datasheet(PDF) 3 Page - International Rectifier

Part # IRGBC30F
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=17A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC30F Datasheet(HTML) 3 Page - International Rectifier

  IRGBC30F Datasheet HTML 1Page - International Rectifier IRGBC30F Datasheet HTML 2Page - International Rectifier IRGBC30F Datasheet HTML 3Page - International Rectifier IRGBC30F Datasheet HTML 4Page - International Rectifier IRGBC30F Datasheet HTML 5Page - International Rectifier IRGBC30F Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C-59
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=I RMS of fundamental; for triangular wave, I=I PK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
IRGBC30F
0
1 0
2 0
3 0
4 0
0 .1
1
1 0
1 0 0
f, F re q u e n cy (kH z)
6 0% o f ra te d
vo lta ge
Id ea l diodes
S qu a re w a ve :
Tria n g u la r w a ve :
C la mp vo lta g e:
80 % o f ra te d
F or b oth :
D u ty c y cle : 5 0 %
T
= 1 2 5 °C
T
= 9 0 ° C
G a te d riv e as sp e c ifie d
sin k
J
P o w e r Diss ipa tio n = 2 1W
1
1 0
1 0 0
1 0 0 0
1
1 0
C E
V
, C ollector-to-E m itter V oltage (V )
T = 15 0°C
T = 25 °C
J
J
V
= 1 5V
2 0µ s P U LS E W ID T H
G E
0 .1
1
1 0
1 0 0
1 0 0 0
5
1 0
1 5
2 0
V
, G a te -to -E m itte r V o lta g e (V )
G E
T = 25 °C
T = 15 0°C
J
J
V
= 1 00 V
5 µs P U L S E W ID T H
C C
Revision 0
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com