Electronic Components Datasheet Search
  English  ▼

X  

AN2334 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2334
Description  Complete car door module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2334 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2334 Datasheet HTML 7Page - STMicroelectronics AN2334 Datasheet HTML 8Page - STMicroelectronics AN2334 Datasheet HTML 9Page - STMicroelectronics AN2334 Datasheet HTML 10Page - STMicroelectronics AN2334 Datasheet HTML 11Page - STMicroelectronics AN2334 Datasheet HTML 12Page - STMicroelectronics AN2334 Datasheet HTML 13Page - STMicroelectronics AN2334 Datasheet HTML 14Page - STMicroelectronics AN2334 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN2334
Local Interconnect Network (LIN) messages
11/22
Figure 5.
LIN bus message frame format diagram
Only the master node can initiate a message by sending a header field that is received by all
nodes. Each slave node analyses the header and must be ready to send or receive data
during the response field of the frame. The identifier field within the header informs all slave
nodes in the network of the appropriate action to take. Such actions include:
–
Receiving bytes transmitted in the response field
–
Transmitting bytes in the response field
–
Doing nothing
ST72F561 has a flexible microcontroller architecture that makes the implementation of LIN
bus communication much easier than on other devices.
The LIN bus transmission of a master node, as this demoboard, has three distinct phases:
–
Synchronization break field transmission: The length of this field is 13 dominant
bits and 1 recessive bit
–
Data byte transmission: The synchronization field, the identifier field, the data
fields and the checksum field are each one byte fields.
–
Data byte reception: The data fields and the checksum field are also transmitted in
a byte wise manner.
The LIN bus protocol uses a standard baud rate: 19200 baud. In case of microcontroller
debugging, when CPU frequency is divided by two, a 9600 baud protocol is also possible.
The software PC allows users to change the baud rate.
It is necessary to define a specific ID (6 bits long) for each message, which is used for
reception or transmission. The message ID is written in a hexadecimal format with the parity
bits included. According to the LIN specification, the data field can be 1 to 8 bytes long (for
LIN 1.2 and newer).
The parity bits P0 and P1 are calculated as follows:
P0=ID0
ID1 ID2 ID4
P0=ID1
ID3 ID4 ID5
Because the application is for demonstration purposes, it uses two LIN messages for
transmission with PC (2 bytes long for VNH2 diagnostic and 8 bytes long for L9950
diagnostic).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com