Electronic Components Datasheet Search
  English  ▼

X  

AN2353 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2353
Description  Designing an application with the ST10F27x devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2353 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2353 Datasheet HTML 4Page - STMicroelectronics AN2353 Datasheet HTML 5Page - STMicroelectronics AN2353 Datasheet HTML 6Page - STMicroelectronics AN2353 Datasheet HTML 7Page - STMicroelectronics AN2353 Datasheet HTML 8Page - STMicroelectronics AN2353 Datasheet HTML 9Page - STMicroelectronics AN2353 Datasheet HTML 10Page - STMicroelectronics AN2353 Datasheet HTML 11Page - STMicroelectronics AN2353 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Port0 start-up configuration
AN2353
8/18
Table 2.
Clock options on PORT0 P0H.5/.7 for devices with low-power oscillator
P0H.7
P0H.6
P0H.5
CPU frequency
fCPU = fXTAL x F
External clock
input range(1)
1.
The external clock input range refers to a CPU clock range of 1...64 MHz.
Notes
11
1
fXTAL x 4
4 to 8 MHz
Default configuration
11
0
fXTAL x 3
5.3 to 8 MHz
10
1
fXTAL x 8
4 to 8 MHz
10
0
fXTAL x 5
6.4 to 8 MHz
01
1
fXTAL x 1
1 to 64 MHz
Direct drive(2)
2.
The maximum input frequency depends on the duty cycle of the external clock signal (refer to the latest
datasheet).
01
0
fXTAL x 10
4 to 6.4 MHz
00
1
fXTAL x 0.5
4 to 8 MHz
CPU clock via prescaler(3)
3.
The limit on input frequency is 4 to 8 MHz since the usage of the internal oscillator amplifier is required.
Also, when the PLL is not used and the CPU clock corresponds to FXTAL/2, an external crystal or
resonator should be used: It is not possible to force any clock with an external clock source.
00
0
fXTAL x 16
4 MHz
Table 3.
Clock options on PORT0 P0H.5 /.7 for devices with wide-swing oscillator
P0H.7
P0H.6
P0H.5
CPU frequency
fCPU = fXTAL x F
External clock
input range(1)
1.
The external clock input range refers to a CPU clock range of 1...64 MHz.
Notes
11
1
fXTAL x 4
4 to 8 MHz
Default configuration
11
0
fXTAL x 3
5.3 to 10.6 MHz
10
1
fXTAL x 8
4 to 8 MHz
10
0
fXTAL x 5
6.4 to 12 MHz
01
1
fXTAL x 1
1 to 64 MHz
Direct drive(2)
2.
The maximum input frequency depends on the duty cycle of the external clock signal (refer to the latest
datasheet).
01
0
fXTAL x 10
4 to 6.4 MHz
00
1
fXTAL x 0.5
4 to 12 MHz
CPU clock via prescaler(3)
3.
The limit on input frequency is 4 to 12 MHz since the usage of the internal oscillator amplifier is required.
Also when the PLL is not used and the CPU clock corresponds to FXTAL/2, an external crystal or resonator
shall be should be used: It is not possible to force any clock withan external clock source.
00
0
fXTAL x 16
4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com