Electronic Components Datasheet Search
  English  ▼

X  

AN2612 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2612
Description  Single 5-V DC power supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2612 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2612 Datasheet HTML 10Page - STMicroelectronics AN2612 Datasheet HTML 11Page - STMicroelectronics AN2612 Datasheet HTML 12Page - STMicroelectronics AN2612 Datasheet HTML 13Page - STMicroelectronics AN2612 Datasheet HTML 14Page - STMicroelectronics AN2612 Datasheet HTML 15Page - STMicroelectronics AN2612 Datasheet HTML 16Page - STMicroelectronics AN2612 Datasheet HTML 17Page - STMicroelectronics AN2612 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Design information
AN2612
14/28
3.4
Design information for power management
3.4.1
Recommendations for the codec layout
"
Use an electrolytic capacitor at each branch of the Vcc power track.
"
Place decoupling capacitors as close as possible to the Vcc and ground pins.
"
Dissipate the heat with a large ground plane.
"
Place the PLL filter components as close as possible to pin FILT.
"
For differential applications create symmetrical paths for the output stage.
Please refer to the STA529 datasheet/applications note for details of the above points.
3.4.2
Power supply considerations
The Bluetooth® technology transmitter and receiver are alternately switching on and off and
there is a risk that the switching noise will appear on the power supply lines. Furthermore
this switching frequency is in the audio band. So, if the supply is shared with the audio stage
and insufficient decoupling is employed, it could lead to a noisy audio line output when used
in single-ended mode, as shown in Figure 13, upper photo. In order to minimize this
possibility it was decided to employ separate regulators on the BT_HTS_RX_R2 board for
the RF part and for the analog audio part. The lower photo of Figure 13 shows the resulting
line output for single-ended mode.
Figure 12 shows how the power management is implemented on the board. IC5, IC6 are
two 3.3 V low dropout (LDO) regulators (ST reference LD2985AM33). 3V3_BT is the supply
for Bluetooth® technology module, and 3V3_REG is that for the STA529Q (codec). Other
brands of LDO are also usable, but they should have a high PSRR and a good regulation
rate. Switching type DC/DC power supplies are also workable for the Bluetooth® module
supply.
Figure 12.
Power management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com