Electronic Components Datasheet Search
  English  ▼

X  

AN2621 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2621
Description  TS488/9 low power stereo headphone amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2621 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2621 Datasheet HTML 1Page - STMicroelectronics AN2621 Datasheet HTML 2Page - STMicroelectronics AN2621 Datasheet HTML 3Page - STMicroelectronics AN2621 Datasheet HTML 4Page - STMicroelectronics AN2621 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
September 2007
Rev 1
1/5
AN2621
Application note
TS488/9 low power stereo headphone amplifier
evaluation board user guidelines
Introduction
This application note concerns the evaluation board DEMOTS488/9, designed to evaluate
the TS488 or TS489 pop-free 120mW stereo headphone amplifier.
In this document, you will find:
■ a brief description of the TS488/9 low power stereo audio amplifier
■ a description of the evaluation board and all of its components
■ the layout of the evaluation board
About the TS488, TS489
The TS488/9 is an enhancement of TS486/487 that eliminates pop & click noise. It is a dual
audio power amplifier capable of driving, in single-ended mode, either a 16
Ωor a 32Ωstereo
headset.
It delivers up to 31mW per channel (into 16
Ω loads) of continuous average power with 0.1%
THD+N in the audio bandwidth from a 2.5V power supply.
An externally-controlled standby mode reduces the supply current to 10nA (typical). The
TS488/9 is unity gain stable and is configured by external gain-setting resistors.
Key features of the TS488/9 include:
■ Pop & click noise protection circuitry
■ Operating range from VCC = 2.2V to 5.5V
■ Standby mode active low (TS488) or high (TS489)
■ Output power:
– 120mW @5V, into 16
Ω with 0.1% THD+N max (1kHz)
– 55mW @3.3V, into 16
Ω with 0.1% THD+N max (1kHz)
■ Low current consumption: 2.7mA max @5V
■ Ultra low standby current consumption: 10nA typical
■ High signal-to-noise ratio
■ High crosstalk immunity: 102dB (F = 1kHz)
■ PSRR: 70dB typ. (F = 1kHz), inputs grounded @5V
■ Unity-gain stable
■ Short-circuit protection circuitry
■ Available in lead-free MiniSO-8 and DFN8 2mm x 2mm
For complete information about the TS488/9, refer to the datasheet.
www.st.com


Similar Part No. - AN2621

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
UMTS triple band LNA-IC
More results

Similar Description - AN2621

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8559 PHILIPS-TDA8559 Datasheet
264Kb / 32P
Low-voltage stereo headphone amplifier
1997 Jun 27
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
3V Stereo Headphone Power Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
Stereo Headphone Power Amplifier
G1402 GMT-G1402 Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
STMicroelectronics
AN2622 STMICROELECTRONICS-AN2622 Datasheet
122Kb / 5P
TS4909 low power stereo headphone amplifier
23-Sep-2007
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com