Electronic Components Datasheet Search
  English  ▼

X  

AN2650 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2650
Description  L9942 stepper motor driver for bipolar stepper motors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2650 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2650 Datasheet HTML 3Page - STMicroelectronics AN2650 Datasheet HTML 4Page - STMicroelectronics AN2650 Datasheet HTML 5Page - STMicroelectronics AN2650 Datasheet HTML 6Page - STMicroelectronics AN2650 Datasheet HTML 7Page - STMicroelectronics AN2650 Datasheet HTML 8Page - STMicroelectronics AN2650 Datasheet HTML 9Page - STMicroelectronics AN2650 Datasheet HTML 10Page - STMicroelectronics AN2650 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID14109 Rev 3
7/26
AN2650
Typical application schematic
25
Due to the structure of the BCD process, the slug of the device is connected internally to
PGND and must also be connected externally to PGND.
1.1
Calculation of the buffer capacitor Cbuffer
The stepper motor driver L9942 is usually designed in an environment similar to that shown
in Figure 1.
During motor operation, electrical energy is stored in the motor coils. If the motor shuts
down, this energy is fed back to the supply voltage Vs. Thus, there is a voltage increase at
Vs, which may cause an electrical overstress of the L9942. To avoid damage to the L9942,
the value of the buffer capacitor Cbuffer must be chosen carefully.
The energy balance can be calculated from:
From this equation, it is possible to conclude:
•
The voltage Vs2 must not exceed the maximum rating of the L9942
•
If an over voltage shut down must be avoided, the voltage Vs2 must not exceed the
minimum over voltage threshold.
Note:
As a general recommendation, STMicroelectronics recommend a minimum buffer capacitor
of 47 µF. The ripple at Vs during normal motor operation should be between 5% and 10%.
1
2
--- C
buffer Vs1
2
⋅⋅
1
2
--- L
motor Imotor
2
1
2
--- C
buffer Vs2
2
⋅⋅
≈
⋅⋅
+
V
s1
2
L
motor
C
buffer
------------------- I
motor
2
⋅
+
V
s2
2
=
V
s2
V
s1
2
L
motor
C
buff er
------------------- I
motor
2
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com