Electronic Components Datasheet Search
  English  ▼

X  

UPD16873C Datasheet(PDF) 13 Page - NEC

Part # UPD16873C
Description  MONOLITHIC 3-ASPECT SPINDLE MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16873C Datasheet(HTML) 13 Page - NEC

Back Button UPD16873C Datasheet HTML 8Page - NEC UPD16873C Datasheet HTML 9Page - NEC UPD16873C Datasheet HTML 10Page - NEC UPD16873C Datasheet HTML 11Page - NEC UPD16873C Datasheet HTML 12Page - NEC UPD16873C Datasheet HTML 13Page - NEC UPD16873C Datasheet HTML 14Page - NEC UPD16873C Datasheet HTML 15Page - NEC UPD16873C Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet S13870EJ1V0DS00
13
µµµµPD16873/A/B/C
PACKAGE DIMENSION
S
J
T
G
D
E
F
C
B
K
P
L
U
N
ITEM
MILLIMETERS
B
C
I
0.65 (T.P.)
0.375
L
0.10
0.5
6.1
±0.1
M
0.10
N
30-PIN PLASTIC TSSOP (7.62mm(300))
A
9.85
±0.10
A'
9.7
±0.1
K
0.145
±0.025
NOTE
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
D
0.1
±0.05
0.24
±0.05
E
1.2 MAX.
F
G
H
8.1
±0.1
1.0
±0.05
J
1.0
±0.1
S30MC-65-6A4
P3
°+5°
−3°
30
16
115
detail of lead end
M
M
0.25
T
0.6
±0.15
U
S
H
I
A
A'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com