Electronic Components Datasheet Search
  English  ▼

X  

AN3327 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3327
Description  L9942 back EMF stall detection algorithm
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3327 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3327 Datasheet HTML 12Page - STMicroelectronics AN3327 Datasheet HTML 13Page - STMicroelectronics AN3327 Datasheet HTML 14Page - STMicroelectronics AN3327 Datasheet HTML 15Page - STMicroelectronics AN3327 Datasheet HTML 16Page - STMicroelectronics AN3327 Datasheet HTML 17Page - STMicroelectronics AN3327 Datasheet HTML 18Page - STMicroelectronics AN3327 Datasheet HTML 19Page - STMicroelectronics AN3327 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Statistical analysis of BEMF detection
AN3327
16/22
DocID18343 Rev 3
Where:
•
Minimum detected BEMF voltage = 3.6 V
•
Maximum detected BEMF voltage = 6.6 V
•
Mean detected BEMF voltage = 4.7278 V
•
Standard deviation = 0.2007 V
Now to compare the stalled rotor BEMF with the running BEMF.
Figure 15. Combined histograms of an unloaded and stalled motor at both hot and
cold
From the graphs it can be seen that there are instances where the stalled rotor BEMF
overlaps the running BEMF values. It is simply due to rotor vibration causing BEMF to be
above zero. Statistically this overlap is minimal in that a majority of the time the BEMF is
much lower than usual.
In this example the BEMF threshold was set at something around 2 V. With that threshold a
reliable detection can take place as the vast majority of the stalled rotor BEMF
measurements were well below that level. If you look at the time it takes to effectively detect
stall for this motor we find that the stall can be detected well within what would have been
one mechanical revolution of the motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com