Electronic Components Datasheet Search
  English  ▼

X  

IRGBC40 Datasheet(PDF) 6 Page - International Rectifier

Part # IRGBC40
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=27A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC40 Datasheet(HTML) 6 Page - International Rectifier

  IRGBC40 Datasheet HTML 1Page - International Rectifier IRGBC40 Datasheet HTML 2Page - International Rectifier IRGBC40 Datasheet HTML 3Page - International Rectifier IRGBC40 Datasheet HTML 4Page - International Rectifier IRGBC40 Datasheet HTML 5Page - International Rectifier IRGBC40 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C-68
IRGBC40F
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
0
4
8
1 2
1 6
2 0
0
2 0
4 0
6 0
C
I
, C o lle c to r-to -E m itte r C u rre n t (A )
R
= 1 0
T
= 1 50°C
V
= 48 0V
V
= 1 5V
G
C
C C
G E
Ω
1
1 0
1 0 0
1 0 0 0
1
1 0
1 0 0
1 0 0 0
C E
G E
V
, C o lle cto r-to -E m itte r V o lta g e (V )
S A F E O P E R A TIN G A R E A
V
= 20 V
T
= 12 5°C
G E
J
Refer to Section D for the following:
Appendix C: Section D - page D-5
Fig. 13a - Clamped Inductive Load Test Circuit
Fig. 13b - Pulsed Collector Current Test Circuit
Fig. 14a - Switching Loss Test Circuit
Fig. 14b - Switching Loss Waveform
Package Outline 1 - JEDEC Outline TO-220AB
Section D - page D-12
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com