Electronic Components Datasheet Search
  English  ▼

X  

UM1635 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 7Page - STMicroelectronics UM1635 Datasheet HTML 8Page - STMicroelectronics UM1635 Datasheet HTML 9Page - STMicroelectronics UM1635 Datasheet HTML 10Page - STMicroelectronics UM1635 Datasheet HTML 11Page - STMicroelectronics UM1635 Datasheet HTML 12Page - STMicroelectronics UM1635 Datasheet HTML 13Page - STMicroelectronics UM1635 Datasheet HTML 14Page - STMicroelectronics UM1635 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DocID024604 Rev 2
11/42
UM1635
API specification
Prototype
UINT32 FlashErase (PSSD_CONFIG pSSDConfig,
BOOL shadowFlag,
UINT32 lowEnabledBlocks,
UINT32 midEnabledBlocks,
UINT32 highEnabledBlocks,
void (*CallBack)(void));
Arguments
Return values
Table 6. Arguments for FlashErase()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent. Please
refer to Section 2.3 for more details.
shadowFlag
Indicate either the main array
or the shadow row to be
erased.
TRUE: the shadow row is erased. The
lowEnabledBlocks, midEnabledBlocks and
highEnabledBlocks is ignored;
FALSE: The main array is erased. Which blocks are
erased in low, mid and high address spaces are
specified by lowEnabledBlocks, midEnabledBlocks and
highEnabledBlocks respectively.
lowEnabledBlocks
To select the array blocks in
low address space for
erasing.
Bit-mapped value. Select the block in the low address
space to be erased by setting 1 to the appropriate bit of
lowEnabledBlocks. If there is not any block to be erased
in the low address space, lowEnabledBlocks must be set
to 0.
midEnabledBlocks
To select the array blocks in
mid address space for
erasing.
Bit-mapped value. Select the block in the middle
address space to be erased by setting 1 to the
appropriate bit of midEnabledBlocks. If there is not any
block to be erased in the middle address space,
midEnabledBlocks must be set to 0.
highEnabledBlocks
To select the array blocks in
high address space for
erasing.
Bit-mapped value. Select the block in the high address
space to be erased by setting 1 to the appropriate bit of
highEnabledBlocks. If there is not any block to be erased
in the high address space, highEnabledBlocks must be
set to 0.
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable it,
use NULL_CALLBACK macro.
Table 7. Return values for FlashErase()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_BUSY
C90FL_ERROR_EGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com