Electronic Components Datasheet Search
  English  ▼

X  

UM1737 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1737
Description  How to use the product evaluation board STEVAL-ISQ014V1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1737 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1737 Datasheet HTML 6Page - STMicroelectronics UM1737 Datasheet HTML 7Page - STMicroelectronics UM1737 Datasheet HTML 8Page - STMicroelectronics UM1737 Datasheet HTML 9Page - STMicroelectronics UM1737 Datasheet HTML 10Page - STMicroelectronics UM1737 Datasheet HTML 11Page - STMicroelectronics UM1737 Datasheet HTML 12Page - STMicroelectronics UM1737 Datasheet HTML 13Page - STMicroelectronics UM1737 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Bill of materials
UM1737
12/14
DocID025983 Rev 1
6
Bill of materials
7
Conclusion
This document provides the information necessary to develop a low-side current sensing
application using the TSZ121. You can accurately measure current with a limited number of
components even if the sense current is noisy. Moreover, using the TSZ121 high precision
op amp allows you to reduce the shunt resistor value and to increase the schematic gain
without losing accuracy. Thanks to a lower shunt value, there is a lower dissipated power
within the shunt resistor. Consequently, the shunt resistor’s size can be reduced and the
customer can save money.
With the theoretical equations provided, you can easily predict the maximum error on the
output voltage. To minimize errors, you must select the components correctly according to
the parameters described in Section 3.
Table 2. Bill of materials
Part
Footprint
Description
Value
Qty
TSZ121
SOT23-5
Very high accurate amplifier
TSZ121ILT
1
Rf
0603
0.1 % resistor
47 kΩ(1)
1. To choose the correct component values, refer to Section 3. The default value has been chosen for a
power source of 5 V, sourcing a maximum current of 1 A
2
Rg
0603
0.1 % resistor
100 Ω
2
Rs
9.4 x 9.1 mm
1 % 4-terminal shunt resistor
10 mΩ(1)
1
Cf
0603
Capacitor
33 nF
1
C1
0603
Decoupling capacitor
22 nF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com