Electronic Components Datasheet Search
  English  ▼

X  

3120 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3120
Description  Negative Slope Equalizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3120 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3120 Datasheet HTML 1Page - KR Electronics, Inc. 3120 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2013, KR Electronics, Inc.
3120, Equalizer, Rev 0, September 25, 2013
KR Electronics, Inc.
KR Electronics part number 3120 is a 150 to 950 MHz negative
slope equalizer. The equalizer has a 6 dB rolloff. Other band-
widths and slopes are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 Negative Slope Equalizer
 6 dB Rolloff
 Other Slopes Available
 SMA Connectors
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(0.1 dB/div)


Similar Part No. - 3120

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3120 ALLEGRO-3120 Datasheet
408Kb / 8P
HALL-EFFECT SWITCHES
logo
List of Unclassifed Man...
3120 ETC2-3120 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3120 ETC2-3120 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
3120 ETC2-3120 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3120 HEYCO-3120 Datasheet
113Kb / 1P
Shorty Universal Bushings
More results

Similar Description - 3120

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2815 KR-2815 Datasheet
48Kb / 2P
6 dB negative slope equalizer
2816 KR-2816 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817 KR-2817 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817-SMA KR-2817-SMA Datasheet
44Kb / 2P
7 dB negative slope equalizer
2848 KR-2848 Datasheet
47Kb / 2P
7 dB negative slope equalizer
2857 KR-2857 Datasheet
49Kb / 2P
5 dB negative slope equalizer
logo
Mini-Circuits
REQ-75-182 MINI-REQ-75-182 Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-3-222N MINI-ZEQ-3-222N Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-5-292-S MINI-ZEQ-5-292-S Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-8-222N MINI-ZEQ-8-222N Datasheet
1Mb / 3P
Slope Equalizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com