Electronic Components Datasheet Search
  English  ▼

X  

3125 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3125
Description  1875 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3125 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3125 Datasheet HTML 1Page - KR Electronics, Inc. 3125 Datasheet HTML 2Page - KR Electronics, Inc. 3125 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3125, Rev 0, November 6, 2013
KR Electronics, Inc.
KR Electronics part number 3125 is a 1875 MHz bandpass filter.
The filter has a typical 3 dB bandwidth of 650 MHz. Other fre-
quencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 1875 MHz Bandpass Filter
 650 MHz 3 dB Bandwidth
 50  Source and Load
 SMA Connectors
 Also Available in Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3125 ETC2-3125 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3125 ETC2-3125 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3125 HEYCO-3125 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Adafruit Industries
3125 ADAFRUIT-3125 Datasheet
286Kb / 2P
DE-15 (DB-15) Male Plug to Terminal Block Breakout
8-2-17
logo
Keystone Electronics Co...
3125 KEYSTONE-3125 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 3125

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
3306-3381-1629 KR-3306-3381-1629 Datasheet
73Kb / 3P
3381 MHz Bandpass Filter
3316-SMA KR-3316-SMA Datasheet
109Kb / 3P
550 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com