Electronic Components Datasheet Search
  English  ▼

X  

3128 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3128
Description  1 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3128 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3128 Datasheet HTML 1Page - KR Electronics, Inc. 3128 Datasheet HTML 2Page - KR Electronics, Inc. 3128 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2013, KR Electronics, Inc.
3128, Rev 0, December 5, 2013
KR Electronics 3128
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Parameter
Specification
Filter type
Bandpass
Center Frequency
1 MHz
Insertion Loss
2.5 dB max
1.5 dB typical
1 dB Bandwidth
165 KHz typical
3 dB Bandwidth
200 KHz typical
20 dB Bandwidth
335 KHz typical
40 dB Bandwidth
576 KHz typical
60 dB Bandwidth
990 KHz typical
Source and Load
50
Notes:
1. Dimensions in inches
2. Rectangular case



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com