Electronic Components Datasheet Search
  English  ▼

X  

IRGP440UD2 Datasheet(PDF) 3 Page - International Rectifier

Part # IRGP440UD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=500V, @Vge=15V, Ic=22A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP440UD2 Datasheet(HTML) 3 Page - International Rectifier

  IRGP440UD2 Datasheet HTML 1Page - International Rectifier IRGP440UD2 Datasheet HTML 2Page - International Rectifier IRGP440UD2 Datasheet HTML 3Page - International Rectifier IRGP440UD2 Datasheet HTML 4Page - International Rectifier IRGP440UD2 Datasheet HTML 5Page - International Rectifier IRGP440UD2 Datasheet HTML 6Page - International Rectifier IRGP440UD2 Datasheet HTML 7Page - International Rectifier IRGP440UD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
C-643
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = I RMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
IRGP440UD2
0
5
10
15
20
25
0.1
1
10
100
f, Frequency (kHz)
A
6 0 % o f ra te d
v o lta g e
Du ty c ycle: 5 0 %
T = 1 2 5° C
T
= 9 0 °C
Ga te d rive a s sp e ci fie d
Tu rn-o n lo sse s in clu d e
effe cts o f re ve rse reco ve ry
s in k
J
P o we r D is sipation = 3 5W
1
1 0
1 0 0
1 0 0 0
1
1 0
C E
V
, C o llector-to-E m itter V oltage (V )
T = 1 50 °C
T = 2 5°C
J
J
V
= 15 V
20 µs P U L S E W ID T H
G E
1
1 0
1 0 0
1 0 0 0
5
1 0
1 5
2 0
V
, G a te -to -E m itte r V o lta g e (V )
G E
T = 2 5°C
T = 15 0°C
J
J
V
= 1 00 V
5 µs P U L S E W ID T H
C C
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com