Electronic Components Datasheet Search
  English  ▼

X  

U324010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U324010
Description  USB 3.0 SuperSpeed Extension Cable (AA M-F),10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U324010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U324010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U324010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 3.0 SuperSpeed Extension Cable (AA M/F),
10-ft.
MODEL NUMBER: U324-010
Description
Tripp Lite's SuperSpeed USB 3.0 10ft Extension cable brings significant performance enhancements to the ubiquitous USB standard, while remaining
compatible with the billions of USB enabled devices currently deployed in the market. SuperSpeed USB will deliver 10x the data transfer rate of Hi-Speed
USB, up to 5Gbps, as well as improved power efficiency. USB 3.0 utilizes a bi-directional data interface rather than USB 2.0's half-duplex arrangement, where
data can only flow in one direction at a time, giving a ten-fold increase in theoretical bandwidth.
Features
10ft USB 3.0 SuperSpeed Extension Cable
SuperSpeed USB is 10 times faster than Hi-Speed USB, with transfer rates up to 5 Gbps.
SuperSpeed USB is a Sync-N-Go technology that minimizes user wait-time.
SuperSpeed USB will provide Optimized Power Efficiency...No device polling and lower active and idle power requirements.
SuperSpeed USB is backwards compatible with USB 2.0. Devices interoperate with USB 2.0 platforms. Hostssupport USB 2.0 legacy devices.
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
Highlights
10-ft. SuperSpeed USB 3.0
Extension Cable, A-A
10 times faster than USB 2.0,
with transfer rates up to 5 Gbps
System Requirements
Computers and Peripherals with
USB 3.0 capabilities
Package Includes
10 ft. USB 3.0 Super Speed A-A
Extension cable
1 / 2


Similar Part No. - U324010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U324006 TRIPPLITE-U324006 Datasheet
492Kb / 2P
USB 3.0 SuperSpeed Extension Cable (AA M-F), 6-ft
U324006BK TRIPPLITE-U324006BK Datasheet
500Kb / 2P
USB 3.0 SuperSpeed Extension Cable (AA M-F) Black, 6-ft
More results

Similar Description - U324010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U324006 TRIPPLITE-U324006 Datasheet
492Kb / 2P
USB 3.0 SuperSpeed Extension Cable (AA M-F), 6-ft
U33005M TRIPPLITE-U33005M Datasheet
499Kb / 2P
USB 3.0 SuperSpeed Active Extension Repeater Cable (A M-F), 5M (16-ft)
U324006BK TRIPPLITE-U324006BK Datasheet
500Kb / 2P
USB 3.0 SuperSpeed Extension Cable (AA M-F) Black, 6-ft
U324-006 TRIPPLITE-U324-006 Datasheet
162Kb / 3P
USB 3.0 SuperSpeed Extension Cable (AA M/F), 6-ft
U324-006-BK TRIPPLITE-U324-006-BK Datasheet
170Kb / 2P
USB 3.0 SuperSpeed Extension Cable (AA M/F) Black, 6-ft
U324-006-DSK1 TRIPPLITE-U324-006-DSK1 Datasheet
184Kb / 3P
1-Port USB 3.0 SuperSpeed Desktop Extension Cable (M/F), 6 ft.
U324-010 TRIPPLITE-U324-010 Datasheet
162Kb / 3P
USB 3.0 SuperSpeed Extension Cable (AA M/F), 10-ft.
U330-10M TRIPPLITE-U330-10M Datasheet
167Kb / 2P
USB 3.0 SuperSpeed Active Extension Repeater Cable (A M/F), 10M (33-ft.)
U330-15M TRIPPLITE-U330-15M Datasheet
181Kb / 3P
USB 3.0 SuperSpeed Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
U330-20M TRIPPLITE-U330-20M Datasheet
171Kb / 3P
USB 3.0 SuperSpeed Active Extension Repeater Cable (USB-A M/F), 20 m (65 ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com