Electronic Components Datasheet Search
  English  ▼

X  

3142 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3142
Description  1 MHz Notch Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3142 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3142 Datasheet HTML 1Page - KR Electronics, Inc. 3142 Datasheet HTML 2Page - KR Electronics, Inc. 3142 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2014, KR Electronics, Inc.
3142, 1 MHz Notch, Rev 0, March 8, 2014
Parameter
Specification
Filter type
Notch
Notch Frequency
1 MHz
Rejection at Notch
40 dB Min
3 dB Bandwidth
300 KHz max
Source and Load
100

Notes
50 dB typical
237 KHz typical
Differential Input and Output
KR Electronics 3142
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1. Dimensions in inches
2. Open Frame
3. Pin 1—In 1
Pin 2—In 2
Pin 3—Out 1
Pin 4—Out 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com