Electronic Components Datasheet Search
  English  ▼

X  

AN1011 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1011
Description  Battery technology used in NVRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1011 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1011 Datasheet HTML 1Page - STMicroelectronics AN1011 Datasheet HTML 2Page - STMicroelectronics AN1011 Datasheet HTML 3Page - STMicroelectronics AN1011 Datasheet HTML 4Page - STMicroelectronics AN1011 Datasheet HTML 5Page - STMicroelectronics AN1011 Datasheet HTML 6Page - STMicroelectronics AN1011 Datasheet HTML 7Page - STMicroelectronics AN1011 Datasheet HTML 8Page - STMicroelectronics AN1011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AN1011
Characterization and modeling
Doc ID 6254 Rev 4
3/11
Characterization and modeling
STMicroelectronics has conducted extensive tests on these cells, a great proportion being
destructive testing. Three main mechanisms of battery degradation were modeled to
establish the effects under various loads, temperatures (up to 85 °C) and other
environmental variables:
●
Active lifetime of the cell, as a result of the consumption of the lithium anode
●
Shelf life (storage lifetime) of the cell, as a result of the electrolyte drying up
(evaporation)
●
Self-discharge, as a result of small leakage currents inherent to the battery chemistry
The weight loss proved to be a valuable measure of electrolyte evaporation. Self-discharge
is specified by the battery manufacturer to be less than 0.3% per year.
Models were then developed to predict the rate of electrolyte loss and what effect
encapsulation of the cell would have. Tests on the cells, when encapsulated in the epoxy
used in the SNAPHAT process, have demonstrated a significant reduction in electrolyte
evaporation.
Figure 2.
(A) BR1225X discharge rate
(B) BR1632 discharge rate
Figure 3 shows the load discharge graphs taken at 20 °C. As can be seen, both cells
produce a nominal 3 V output with a flat discharge curve until the end of their effective lives,
and so confirms that both are suitable for providing battery backup to low leakage CMOS
SRAMs.
The battery lifetime of individual ZEROPOWER, TIMEKEEPER and RTC devices, as
described in AN1012, is a function of the current load, the battery selected and the system
duty cycle. System life, which even with 100% duty cycle can still be greater than ten years,
is specified in the datasheet for each device.
AI02519
0
1.0
1.5
2.0
2.5
3.0
3.5
1000
2000
3000
4000
5000
6000
Duration (Hrs.)
(B)
15k
30k
50k
100k
0
1.0
1.5
2.0
2.5
3.0
3.5
200 400 600
1200
1600 1800
Duration (Hrs.)
(A)
100k
800 1000
1400
2000
15k
30k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com