Electronic Components Datasheet Search
  English  ▼

X  

IRGPH20 Datasheet(PDF) 2 Page - International Rectifier

Part # IRGPH20
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=4.5A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPH20 Datasheet(HTML) 2 Page - International Rectifier

  IRGPH20 Datasheet HTML 1Page - International Rectifier IRGPH20 Datasheet HTML 2Page - International Rectifier IRGPH20 Datasheet HTML 3Page - International Rectifier IRGPH20 Datasheet HTML 4Page - International Rectifier IRGPH20 Datasheet HTML 5Page - International Rectifier IRGPH20 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C-464
IRGPH20M
Notes:
VCC=80%(VCES), VGE=20V, L=10µH,
RG= 50Ω, ( See fig. 13a )
Repetitive rating; V GE=20V, pulse width
limited by max. junction temperature.
( See fig. 13b )
Repetitive rating; pulse width limited
by maximum junction temperature.
Pulse width
≤ 80µs; duty factor ≤ 0.1%.
Pulse width 5.0µs,
single shot.
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
—
16
24
IC = 4.5A
Qge
Gate - Emitter Charge (turn-on)
—
4.4
7.0
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
—
5.5
8.3
VGE = 15V
td(on)
Turn-On Delay Time
—
26
—
TJ = 25°C
tr
Rise Time
—
13
—
ns
IC = 4.5A, V CC = 960V
td(off)
Turn-Off Delay Time
—
43
65
VGE = 15V, RG = 50Ω
tf
Fall Time
—
430
640
Energy losses include "tail"
Eon
Turn-On Switching Loss
—
0.33
—
Eoff
Turn-Off Switching Loss
—
0.78
—
mJ
See Fig. 9, 10, 11, 14
Ets
Total Switching Loss
—
1.1
1.7
tsc
Short Circuit Withstand Time
10
—
—
µs
VCC = 720V, T J = 125°C
VGE = 15V, RG = 50Ω, VCPK < 1000V
td(on)
Turn-On Delay Time
—
32
—
TJ = 150°C,
tr
Rise Time
—
20
—
ns
IC = 4.5A, V CC = 960V
td(off)
Turn-Off Delay Time
—
480
—
VGE = 15V, RG = 50Ω
tf
Fall Time
—
450
—
Energy losses include "tail"
Ets
Total Switching Loss
—
2.4
—
mJ
See Fig. 10, 14
LE
Internal Emitter Inductance
—
13
—
nH
Measured 5mm from package
Cies
Input Capacitance
—
340
—
VGE = 0V
Coes
Output Capacitance
—
25
—
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
—
4.7
—
ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
—
—
V
VGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
20
—
—
V
VGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
—
1.3
—
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
—
3.1
4.6
IC = 4.5A
VGE = 15V
—
3.9
—
V
IC = 6.9A
See Fig. 2, 5
—
4.0
—
IC = 4.5A, T J = 150°C
VGE(th)
Gate Threshold Voltage
3.0
—
5.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
—
-11
—
mV/°C
VCE = VGE, IC = 250µA
gfe
Forward Transconductance
1.3
2.6
—
S
VCE = 100V, IC = 4.5A
ICES
Zero Gate Voltage Collector Current
—
—
250
µA
VGE = 0V, VCE = 1200V
—
—
1000
VGE = 0V, VCE = 1200V, T J = 150°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com