Electronic Components Datasheet Search
  English  ▼

X  

IRGPH40FD2 Datasheet(PDF) 6 Page - International Rectifier

Part # IRGPH40FD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=1200V, @Vge=15V, Ic=17A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPH40FD2 Datasheet(HTML) 6 Page - International Rectifier

  IRGPH40FD2 Datasheet HTML 1Page - International Rectifier IRGPH40FD2 Datasheet HTML 2Page - International Rectifier IRGPH40FD2 Datasheet HTML 3Page - International Rectifier IRGPH40FD2 Datasheet HTML 4Page - International Rectifier IRGPH40FD2 Datasheet HTML 5Page - International Rectifier IRGPH40FD2 Datasheet HTML 6Page - International Rectifier IRGPH40FD2 Datasheet HTML 7Page - International Rectifier IRGPH40FD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
C-290
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
IRGPH40FD2
1
10
100
0
2
4
6
8
10
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
0
10
20
30
40
0
10
20
30
40
C
I , Collector-to-Emitter Current (A)
R
= 10
Ω
T
= 150°C
V
= 800V
V
= 15V
G
C
CC
GE
A
0 .1
1
1 0
1 0 0
1 0 0 0
1
1 0
1 0 0
1 0 0 0
1 0 0 0 0
C E
G E
V
, C o llec to r-to -E m itte r V o lta g e (V )
S A F E O P E R A T IN G A R E A
V
= 20 V
T
= 12 5°C
G E
J
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com