Electronic Components Datasheet Search
  English  ▼

X  

SSI2007 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSI2007
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSI2007 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSI2007_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSI2007_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSI2007_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSI2007_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSI2007_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSI2007_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSI2007_15 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Elektronische Bauelemente
SSI2007
N-Ch: 0.8A, 20V, RDS(ON) 260 m
P-Ch: -0.56A, -20V, RDS(ON) 800 m
N & P-Ch Enhancement Mode Power MOSFET
17-Dec-2013 Rev. A
Page 3 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Dynamic Characteristics
N-Ch
-
50
-
Input Capacitance
P-Ch
CISS
-
74.5
-
N-Ch
-
13
-
Output Capacitance
P-Ch
COSS
-
10.8
-
N-Ch
-
8
-
Reverse Transfer Capacitance
P-Ch
CRSS
-
10.2
-
pF
N-Ch:
VDS=10V, VGS=0,
f=1MHz
P-Ch:
VDS= -10V, VGS=0,
f=100KHz
N-Ch
-
1.15
-
Total Gate Charge
P-Ch
QG(TOT)
-
1.1
-
N-Ch
-
0.06
-
Threshold Gate Charge
P-Ch
QG(TH)
-
0.08
-
N-Ch
-
0.15
-
Gate-to-Source Charge
P-Ch
QGS
-
0.44
-
N-Ch
-
0.23
-
Gate-to-Drain Charge
P-Ch
QGD
-
0.18
-
nC
N-Ch:
VDS=10V, VGS=4.5V,
ID=0.6A
P-Ch:
VDS= -10V, VGS= -4.5V,
ID= -0.6A
N-Ch
-
22
-
Turn-on Delay Time
P-Ch
Td(ON)
-
45
-
N-Ch
-
80
-
Rise Time
P-Ch
Tr
-
140
-
N-Ch
-
700
-
Turn-off Delay Time
P-Ch
Td(OFF)
-
1500
-
N-Ch
-
380
-
Fall Time
P-Ch
Tf
-
2100
-
nS
N-Ch:
VDD=10V, I D=0.5A,
VGEN=4.5V,
RL=10 , RG=6 .
P-Ch:
VDD= -10V, I D= -0.5A,
VGEN= -4.5V,
RL=10 , RG=6 .



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com