Electronic Components Datasheet Search
  English  ▼

X  

AN3105 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 12Page - STMicroelectronics AN3105 Datasheet HTML 13Page - STMicroelectronics AN3105 Datasheet HTML 14Page - STMicroelectronics AN3105 Datasheet HTML 15Page - STMicroelectronics AN3105 Datasheet HTML 16Page - STMicroelectronics AN3105 Datasheet HTML 17Page - STMicroelectronics AN3105 Datasheet HTML 18Page - STMicroelectronics AN3105 Datasheet HTML 19Page - STMicroelectronics AN3105 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Functional check
AN3105
16/30
Doc ID 16774 Rev 2
4.5
Converter startup
On the lefthand side of Figure 12 the converter startup is shown. It is possible to note that at
nominal input voltage the converter begins operation in ~150 ms. This is the time needed to
charge the VCC to the L6562AT turn-on voltage. Therefore the L6562AT starts switching and
the PFC output voltage starts increasing. Once the PFC output voltage reaches the enable
level set via the L6599AT LINE pin (~ 430 V), even the LLC stage starts switching and the
output voltage rises up to the nominal level. The VCC is initially supplied by the PFC coil
charge pump, and then, once the L6599AT starts operating, the VCC is also provided by the
LLC transformer auxiliary winding. Details of converter sequencing can be found on the
righthand side of Figure 12.
Figure 12.
EVL130W-SL-EU demonstration board: startup at 230 VAC - 50 Hz - full load
Figure 12 shows a correct startup of the board using an active load, with only the capacitors
for the 48 V populating the board. When powering current regulators with LEDs it is possible
that the board may show an incorrect startup, with output voltage going up and down and
the LEDs flashing. As already explained in Section 4.3: Dynamic load operation, the board
needs an additional 40 µF capacitance on the +48 V.
CH1: Q2_Drain CH2: HB voltageCH1: Q2_DrainCH2: HB voltage
CH3: L6562AT VCC CH4: VOUTCH3: L6599AT VCC pin CH4: VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com