Electronic Components Datasheet Search
  English  ▼

X  

IRH9250 Datasheet(PDF) 4 Page - International Rectifier

Part # IRH9250
Description  TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.315ohm, Id=-14A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH9250 Datasheet(HTML) 4 Page - International Rectifier

  IRH9250 Datasheet HTML 1Page - International Rectifier IRH9250 Datasheet HTML 2Page - International Rectifier IRH9250 Datasheet HTML 3Page - International Rectifier IRH9250 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions in Millimeters and (Inches)
Conforms to JEDEC Outline TO-204AA (Modified TO-3)
IRH9250 Device
Radiation Characteristics
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
Refer to current HEXFET reliability report.
‚ @ VDD = -25V, Starting TJ = 25°C,
EAS = [0.5 * L * (I
2
L)
* [BVDSS/(BVDSS-VDD)]
Peak IL = -14A, VGS = -12V, 25 ≤ RG ≤ 200Ω
ƒ ISD ≤ -14A, di/dt ≤ -140 A/µs,
VDD ≤ BVDSS, TJ ≤ 150°C
Suggested RG = 2.35ý
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
… K/W = °C/W
W/K = W/°C
† Total Dose Irradiation withVGS Bias.
-12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019.
‡ Total Dose Irradiation with VDS Bias.
VDS = 0.8 rated BVDSS (pre-radiation)
applied and VGS = 0 during irradiation per
MlL-STD-750, method 1019.
ˆ This test is performed using a flash x-ray
source operated in the e-beam mode (energy
~2.5 MeV), 30 nsec pulse.
‰ Process characterized by independent laboratory.
Š All Pre-Radiation and Post-Radiation test
conditions are identical to facilitate direct
comparison for circuit applications.
Case Outline and Dimensions
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
4/96
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com