Electronic Components Datasheet Search
  English  ▼

X  

N28203MBK Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N28203MBK
Description  QSFP plus to QSFP plus 40Gb Passive DAC Copper Infiniband Cable, 3M (10-ft)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N28203MBK Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N28203MBK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N28203MBK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QSFP+ to QSFP+ 40Gb Passive DAC Copper
Infiniband Cable, 3M (10-ft.)
MODEL NUMBER: N282-03M-BK
Description
Tripp Lite's 3m QSFP+ (QSFP Plus) 40GBASE-CR4 / 802.3ba qualified passive copper cable provides next
generation performance by combining four 10 Gb/s SFP+ channels into one affordable high-density package.
Our QSFP+ cables integrate a new 40G Ethernet-optimized (40GbE) 38-position “board-as-connector” design,
with zinc die-cast backshells for superior EMI resistance, minimal insertion loss, and improved cross-talk
performance. Cable featuress 8-pair wire technology optimized for bandwidth-intense applications including
40-Gigabit Ethernet (40GBASE-CR4), 6G SAS, Fibre Channel and SONET. Flexible 30 AWG conductors
maintain a smooth, high-frequency response (20 GHz). Each 3m (9.84-ft) length QSFP+ cable goes through a
rigorous assembly and test procedure aimed at eliminating unnecessary signal loss. Our cables are fully
compliant to the QSFP+ MSA and SFF-8436 architecture for guaranteed compatibility with all QSFP and QSFP+
ports.
Features
3 Meter QSFP+ tp QSFP+ 40Gb Passive DAC Copper Infiniband cable
Meets or Exceeds strict 40-Gigabit Ethernet 40GBase-CR4 standards
SDR, DDR, and QDR Compatible
QSFP+ to QSFP+ 30AWG SFF-8436 compliant cable and connector
Up to 10.3125 Gbps transfer rate per channel ( 40Gb aggregate )
Multi-platform support for 40Gb, SAS, Fibre Channel, and SONET
Zinc die-cast QSFP+ connectors with "Pull-to-Release" latching
Fully compliant to latest QSFP+ MSA ( Multi Source Agreement )
Lower port cost and reduced power budget vs Fiber Optics
RoHS, SFF-8436, and IEEE 802.3ba Compliant
BER better than 10¹²
Specifications
Highlights
40Gbps QSFP+ to QSFP+ 3
Meter patch cable
Meets or Exceeds 40-Gigabit
Ethernet 4oGBASE-CR4
standards
Fully compliant to the latest
QSFP+ MSA ( Multi Source
Agreement )
SDR, DDR, and QDR Compatible
Applications
Storage Area Networks ( SAN )
Data Center Cabling
Infrastructure
High Density Connections
Switched fabric I/O ( Ultra High
Bandwidth Switches & Routers )
System Requirements
Networking Switch or other
hardware with open QSFP+
Port(s)
Package Includes
3 Meter, QSFP+ to QSFP+ High
Speed Passive Copper 40GB
Cable
1 / 2


Similar Part No. - N28203MBK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N28201MBK TRIPPLITE-N28201MBK Datasheet
491Kb / 2P
QSFP plus to QSFP plus 40Gb Passive DAC Copper Infiniband Cable, 1M (3-ft.)
N28202MBK TRIPPLITE-N28202MBK Datasheet
491Kb / 2P
QSFP plus to QSFP plus 40Gb Passive DAC Copper Infiniband Cable, 2M (6-ft)
N28205MBK TRIPPLITE-N28205MBK Datasheet
491Kb / 2P
QSFP plus to QSFP plus 40Gb Passive DAC Copper Infiniband Cable, 5M (16-ft)
logo
Keysight Technologies
N2820A KEYSIGHT-N2820A Datasheet
2Mb / 38P
InfiniiVision 3000T X- Series
N2820A KEYSIGHT-N2820A Datasheet
3Mb / 21P
InfiniiVision PXIe Modular Oscilloscopes
More results

Similar Description - N28203MBK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N28201MBK TRIPPLITE-N28201MBK Datasheet
491Kb / 2P
QSFP plus to QSFP plus 40Gb Passive DAC Copper Infiniband Cable, 1M (3-ft.)
N28202MBK TRIPPLITE-N28202MBK Datasheet
491Kb / 2P
QSFP plus to QSFP plus 40Gb Passive DAC Copper Infiniband Cable, 2M (6-ft)
N28205MBK TRIPPLITE-N28205MBK Datasheet
491Kb / 2P
QSFP plus to QSFP plus 40Gb Passive DAC Copper Infiniband Cable, 5M (16-ft)
N282-01M-BK TRIPPLITE-N282-01M-BK Datasheet
159Kb / 2P
QSFP to QSFP 40Gb Passive DAC Copper Infiniband Cable, QSFP-H40G-CU1M Compatible, 1M (3-ft.)
N282-02M-BK TRIPPLITE-N282-02M-BK Datasheet
159Kb / 2P
QSFP to QSFP 40Gb Passive DAC Copper Infiniband Cable, 2M (6-ft.)
N282-03M-BK TRIPPLITE-N282-03M-BK Datasheet
159Kb / 2P
QSFP to QSFP 40Gb Passive DAC Copper Infiniband Cable, QSFP-H40G-CU3M Compatible, 3M (10-ft.)
N282-05M-BK TRIPPLITE-N282-05M-BK Datasheet
159Kb / 2P
QSFP to QSFP 40Gb Passive DAC Copper Infiniband Cable, QSFP-H40G-CU5M Compatible, 5M (16-ft.)
N282-20N-BK TRIPPLITE-N282-20N-BK Datasheet
159Kb / 2P
QSFP to QSFP 40Gb Passive DAC Copper Infiniband Cable, 0.5M (20-in.)
logo
ATGBICS by Approved Tec...
40GB-C03-QSFP-C ATGBICS-40GB-C03-QSFP-C Datasheet
331Kb / 8P
40GB-C03-QSFP Enterasys Compatible Direct Attach Copper Twinax Cable 40G QSFP (3m, Passive)
DAC-QSFP-40G-3M-C ATGBICS-DAC-QSFP-40G-3M-C Datasheet
331Kb / 8P
DAC-QSFP-40G-3M Dell Compatible Direct Attach Copper Twinax Cable 40G QSFP (3m, Passive)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com