Electronic Components Datasheet Search
  English  ▼

X  

IRHM7264SE Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM7264SE
Description  TRANSISTOR N-CHANNEL(BVdss=250V, Rds(on)=0.087ohm, Id=35A*)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7264SE Datasheet(HTML) 1 Page - International Rectifier

  IRHM7264SE Datasheet HTML 1Page - International Rectifier IRHM7264SE Datasheet HTML 2Page - International Rectifier IRHM7264SE Datasheet HTML 3Page - International Rectifier IRHM7264SE Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRHM726SE
250V
0.087
Ω
35A*
Features:
s
Radiation Hardened up to 1 x 105 Rads (Si)
s
Single Event Burnout (SEB) Hardened
s
Single Event Gate Rupture (SEGR) Hardened
s
Gamma Dot (Flash X-Ray) Hardened
s
Neutron Tolerant
s
Identical Pre- and Post-Electrical Test Conditions
s
Repetitive Avalanche Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
s
Electrically Isolated
s
Ceramic Eyelets
Absolute Maximum Ratings
Parameter
IRHM7264SE
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
35*
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
22.8
IDM
Pulsed Drain Current Œ
140
PD @ TC = 25°C
Max. Power Dissipation
250
W
Linear Derating Factor
2.0
W/K 
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy 
500
mJ
IAR
Avalanche Current Œ
35*
A
EAR
Repetitive Avalanche Energy Œ
25
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
4.0
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from
case for 10 sec.)
Weight
9.3 (typical)
g
N-CHANNEL
SINGLE EVENT EFFECT (SEE) RAD HARD
Provisional Data Sheet No. PD-9.1393A
250 Volt, 0.087
Ω
Ω
Ω
Ω
Ω, (SEE) RAD HARD HEXFET
International Rectifier’s (SEE) RAD HARD technology
HEXFETs demonstrate virtual immunity to SEE fail-
ure. Additionally, under identical pre- and post-radia-
tion test conditions, International Rectifier’s RAD HARD
HEXFETs retain identical electrical specifications up
to 1 x 105 Rads (Si) total dose. No compensation in
gate drive circuitry is required. These devices are also
capable of surviving transient ionization pulses as high
as 1 x 1012 Rads (Si)/Sec, and return to normal opera-
tion within a few microseconds. Since the SEE pro-
cess utilizes International Rectifier’s patented HEXFET
technology, the user can expect the highest quality
and reliability in the industry.
RAD HARD HEXFET transistors also feature all of the
well-established advantages of MOSFETs, such as volt-
age control, very fast switching, ease of paralleling and
temperature stability of the electrical parameters.
They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, chop-
pers, audio amplifiers and high-energy pulse circuits
in space and weapons environments.
IRHM7264SE
REPETITIVE AVALANCHE AND dv/dt RATED
HEXFET® TRANSISTOR
oC
A
Notes: See Page 4.
*I
D current limited by pin diameter
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRHM7264SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7264SE IRF-IRHM7264SE Datasheet
169Kb / 8P
Simple Drive Requirements
IRHM7264SE IRF-IRHM7264SE_15 Datasheet
169Kb / 8P
Simple Drive Requirements
More results

Similar Description - IRHM7264SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
IRHI7360SE IRF-IRHI7360SE Datasheet
112Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=24.3A)
IRHI7460SE IRF-IRHI7460SE Datasheet
131Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
IRHM2C50SE IRF-IRHM2C50SE Datasheet
134Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
IRHM7360SE IRF-IRHM7360SE Datasheet
146Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=22A)
IRHM9160 IRF-IRHM9160 Datasheet
134Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-35*A)
IRHN2C50SE IRF-IRHN2C50SE Datasheet
110Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
IRHNA7264SE IRF-IRHNA7264SE Datasheet
127Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=250V, Rds(on)=0.110ohm, Id=34A)
IRHNA7460SE IRF-IRHNA7460SE Datasheet
139Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
IRHNA9160 IRF-IRHNA9160 Datasheet
153Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-38A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com