Electronic Components Datasheet Search
  English  ▼

X  

IRHM9064 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHM9064
Description  TRANSISTOR P-CHANNEL(BVdss=-60V, Rds(on)=0.060ohm, Id=-35*A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9064 Datasheet(HTML) 3 Page - International Rectifier

  IRHM9064 Datasheet HTML 1Page - International Rectifier IRHM9064 Datasheet HTML 2Page - International Rectifier IRHM9064 Datasheet HTML 3Page - International Rectifier IRHM9064 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IRHM9064
Radiation Characteristics
Table 2. High Dose Rate
ˆ
1011 Rads (Si)/sec 1012 Rads (Si)/sec
Parameter
Min Typ Max
Min Typ Max
Units
Test Conditions
VDSS
Drain-to-Source Voltage
—
—
-48
—
—
-48
V
Applied drain-to-source voltage during
gamma-dot
IPP
—
-100
—
—
-100
—
A
Peak radiation induced photo-current
di/dt
—
-800
—
-160
A/µsec Rate of rise of photo-current
L1
0.1
—
—
0.8
—
—
µH
Circuit inductance required to limit di/dt
Table 3. Single Event Effects
‰
LET (Si)
Fluence
Range
VDS Bias
VGS Bias
Parameter
Typical
Units
Ion
(MeV/mg/cm2)
(ions/cm2)
(µm)
(V)
(V)
BVDSS
-60
V
Ni
28
1 x 105
~41
-60
5
Radiation Performance of P-Channel Rad
Hard HEXFETs
International Rectifier Radiation Hardened HEXFETs
are tested to verify their hardness capability.The hard-
ness assurance program at International Rectifier
uses two radiation environments.
Every manufacturing lot is tested in a low dose rate
(total dose) environment per MlL-STD-750, test
method 1019. International Rectifier has imposed a
standard gate voltage of -12 volts per note 6 and a
VDSS bias condition equal to 80% of the device rated
voltage per note 7. Pre- and post-radiation limits of
the devices irradiated to 1 x 105 Rads (Si) are identi-
cal and are presented in Table 1. The values in Table
1 will be met for either of the two low dose rate test
circuits that are used. Both pre- and post-radiation
performance are tested and specified using the same
drive circuitry and test conditions in order to provide
a direct comparison. It should be noted that at a ra-
diation level of 1 x 105 Rads (Si) no changes in limits
are specified in DC parameters.
High dose rate testing may be done on a special
request basis using a dose rate up to 1 x 1012 Rads
(Si)/Sec.
International Rectifier radiation hardened P-Channel
HEXFETs are considered to be neutron-tolerant, as
stated in MIL-PRF-19500 Group D. International
Rectifier radiation hardened P-Channel HEXFETs
have been characterized in heavy ion Single Event
Effects (SEE) environments and the results are shown
in Table 3.
Table 1. Low Dose Rate
† ‡
IRHM9064
Parameter
100K Rads (Si)
Units
Test Conditions
Š
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
-200
—
V
VGS = 0V, ID = -1.0mA
VGS(th)
Gate Threshold Voltage
„
-2.0
-4.0
VGS = VDS, ID = -1.0mA
IGSS
Gate-to-Source Leakage Forward
—
-100
nA
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
—
100
VGS = 20V
IDSS
Zero Gate Voltage Drain Current
—
-25
µA
VDS=0.8 x Max Rating, VGS=0V
RDS(on)1
Static Drain-to-Source
„
—
0.060
Ω
VGS = -12V, ID = -26A
On-State Resistance One
VSD
Diode Forward Voltage
„
—
-3.0
V
TC = 25°C, IS = -35A,VGS = 0V
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com