Electronic Components Datasheet Search
  English  ▼

X  

SSM452 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM452
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM452 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSM452_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM452_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM452_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM452_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSM452
-6 A, -30V, RDS(ON) 55mΩ
P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
24-Jun-2010 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSM452 provide the designer with the best combination of
fast switching, low on-resistance and cost-effectiveness.
FEATURES
Simple Drive Requirement
Lower On-resistance
Fast Switching
MARKING
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain – Source Voltage
VDS
-30
V
Gate – Source Voltage
VGS
±20
V
Continuous Drain Current
3
TA = 25°C
ID
-6.0
A
TA = 70°C
-4.8
A
Pulsed Drain Current
1
IDM
-20
A
Total Power Dissipation
PD
2.7
W
Linear Derating Factor
0.02
W / °C
Operating Junction & Storage Temperature
Range
TJ, TSTG
-55 ~ 150
°C
THERMAL DATA
Maximum Junction–Ambient
3
RθJA
45
°C / W
SOT-223
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.20
6.70
G
-
0.10
B
6.70
7.30
H
-
-
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
-
-
E
4.50
4.70
L
2.30 REF.
F
0.60
0.82
M
2.90
3.10
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C

Gate

Source

Drain


Similar Part No. - SSM452_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM452-C SECOS-SSM452-C Datasheet
737Kb / 4P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSM452_15

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com