Electronic Components Datasheet Search
  English  ▼

X  

AN4184 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4184
Description  This application note briefly describes the microphone coupon boards
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4184 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4184 Datasheet HTML 10Page - STMicroelectronics AN4184 Datasheet HTML 11Page - STMicroelectronics AN4184 Datasheet HTML 12Page - STMicroelectronics AN4184 Datasheet HTML 13Page - STMicroelectronics AN4184 Datasheet HTML 14Page - STMicroelectronics AN4184 Datasheet HTML 15Page - STMicroelectronics AN4184 Datasheet HTML 16Page - STMicroelectronics AN4184 Datasheet HTML 17Page - STMicroelectronics AN4184 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Evaluation boards details
AN4184
14/19
DocID023777 Rev 2
Figure 22. STEVAL-MKI129V3 layout - bottom view
4.4
STEVAL-MKI155V1 board details
Figure 23. STEVAL-MKI155V1 schematic
Figure 24. STEVAL-MKI155V1 layout - top view
Table 5. Bill of material - STEVAL-MKI155V1 (MP45DT02-M)
Designator
Type
Description
Footprint
Manufacturer
C1
Capacitor
100 nF, 16 V,
10%
CAP0603
Murata
C2
Capacitor
10 µF, 10 V,
10%
CAP0805
Murata
J1, J2
Pin array
Header 2.5 mm x 3 (male)
Header (male)
Any source
U1
Microphone
MP45DT02-M
MP45DT02-M
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com