Electronic Components Datasheet Search
  English  ▼

X  

3158 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3158
Description  10 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3158 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3158 Datasheet HTML 1Page - KR Electronics, Inc. 3158 Datasheet HTML 2Page - KR Electronics, Inc. 3158 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2014, KR Electronics, Inc.
3158, Rev 0, July 1, 2014
KR Electronics 3158
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Parameter
Specification
Filter type
Bandpass
Center Frequency
10 MHz
Insertion Loss at Center Frequency
1 dB max
1 dB Bandwidth
6 MHz typical
3 dB Bandwidth
6.3 MHz typical
40 dB Bandwidth
8.7 MHz typical
60 dB Bandwidth
10.5 MHz typical
80 dB Bandwidth
12.7 MHz typical
Source and Load
50
Rejection at 20 MHz
100 dB min
Notes:
1. Input SMA(f)
2. Output SMA(f)
3. Mounting Inserts 2x 2-56
4. Dimensions in inches



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com